Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega32U2 Datasheet (PDF) - ATMEL Corporation

ATmega32U2 Datasheet PDF - ATMEL Corporation
Part # ATmega32U2
Download  ATmega32U2 Download
File Size   5702.53 Kbytes
Page   314 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller

ATmega32U2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATmega32U2 Datasheet PDF - ATMEL Corporation

Part # ATmega32U2
Download  ATmega32U2 Click to download

File Size   5702.53 Kbytes
Page   314 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller

ATmega32U2 Datasheet (HTML) - ATMEL Corporation


ATmega32U2 Product details

Overview
The ATmega8U2/16U2/32U2 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega8U2/16U2/32U2 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
   – 125 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
   – Up to 16 MIPS Throughput at 16 MHz
• Non-volatile Program and Data Memories
   – 8K/16K/32K Bytes of In-System Self-Programmable Flash
   – 512/512/1024 EEPROM
   – 512/512/1024 Internal SRAM
   – Write/Erase Cycles: 10,000 Flash/ 100,000 EEPROM
   – Data retention: 20 years at 85C/ 100 years at 25OC(1)
   – Optional Boot Code Section with Independent Lock Bits
      In-System Programming by on-chip Boot Program hardware-activated after reset
      True Read-While-Write Operation
   – Programming Lock for Software Security
• USB 2.0 Full-speed Device Module with Interrupt on Transfer Completion
   – Complies fully with Universal Serial Bus Specification REV 2.0
   – 48 MHz PLL for Full-speed Bus Operation : data transfer rates at 12 Mbit/s
   – Fully independant 176 bytes USB DPRAM for endpoint memory allocation
   – Endpoint 0 for Control Transfers: from 8 up to 64-bytes
   – 4 Programmable Endpoints:
      IN or Out Directions
      Bulk, Interrupt and IsochronousTransfers
      Programmable maximum packet size from 8 to 64 bytes
      Programmable single or double buffer
   – Suspend/Resume Interrupts
   – Microcontroller reset on USB Bus Reset without detach
   – USB Bus Disconnection on Microcontroller Request
• Peripheral Features
   – One 8-bit Timer/Counters with Separate Prescaler and Compare Mode (two 8-bit PWM channels)
   – One 16-bit Timer/Counter with Separate Prescaler, Compare and Capture Mode (three 8-bit PWM channels)
   – USART with SPI master only mode and hardware flow control (RTS/CTS)
   – Master/Slave SPI Serial Interface
   – Programmable Watchdog Timer with Separate On-chip Oscillator
   – On-chip Analog Comparator
   – Interrupt and Wake-up on Pin Change
• On Chip Debug Interface (debugWIRE)
• Special Microcontroller Features
   – Power-On Reset and Programmable Brown-out Detection
   – Internal Calibrated Oscillator
   – External and Internal Interrupt Sources
   – Five Sleep Modes: Idle, Power-save, Power-down, Standby, and Extended Standby
• I/O and Packages
   – 22 Programmable I/O Lines
   – QFN32 (5x5mm) / TQFP32 packages
• Operating Voltages
   – 2.7 - 5.5V
• Operating temperature
– Industrial (-40°C to +85°C)
• Maximum Frequency
   – 8 MHz at 2.7V - Industrial range
   – 16 MHz at 4.5V - Industrial range
   Note: 1. See “Data Retention” on page 6for details.




Similar Part No. - ATmega32U2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32U2 ATMEL-ATMEGA32U2 Datasheet
353Kb / 21P
8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U2 ATMEL-ATMEGA32U2 Datasheet
325Kb / 22P
Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U2 ATMEL-ATMEGA32U2 Datasheet
4Mb / 310P
Non-volatile Program and Data Memories
ATMEGA32U2-AU ATMEL-ATMEGA32U2-AU Datasheet
353Kb / 21P
8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U2-AU ATMEL-ATMEGA32U2-AU Datasheet
325Kb / 22P
Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
More results


Similar Description - ATmega32U2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
598Kb / 23P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_08 Datasheet
633Kb / 21P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_09 Datasheet
664Kb / 22P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_1 Datasheet
6Mb / 408P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
733Kb / 26P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2_1 Datasheet
353Kb / 21P
8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2_12 Datasheet
325Kb / 22P
Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
852Kb / 26P
8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4_14 Datasheet
7Mb / 28P
8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_V01 Datasheet
518Kb / 27P
8-bit Microcontroller with 16/32K bytes of ISP Flash and USB Controller
09/2014
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com