Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6351 Datasheet (PDF) - Pomona Electronics

6351 Datasheet PDF - Pomona Electronics
Part # 6351
Download  6351 Download
File Size   361.56 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description 8mm Tip Reach, SMD Micro Grabber Test Clip

6351 Datasheet (PDF)

Go To PDF Page Download Datasheet
6351 Datasheet PDF - Pomona Electronics

Part # 6351
Download  6351 Click to download

File Size   361.56 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description 8mm Tip Reach, SMD Micro Grabber Test Clip

6351 Datasheet (HTML) - Pomona Electronics


6351 Product details

FEATURES:

 Use with PQFP packages with 0.2mm lead pitch or greater.

 8mm long tip allows measurement at IC leads that are not easily accessible.

 Thin body style allows an unlimited number of clips to be stacked side by side.

 Maximum frequency is 100 MHz.



MATERIALS:

Leads: Stainless-Steel Wire

Tip Tubing: Teflon™ Coated Nickel Plated Copper

Body: ABS

Flying Lead Connection: Gold Plated Copper




Similar Part No. - 6351

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
6351 CRYDOM-6351 Datasheet
162Kb / 2P
DC Output Buffered Modules
logo
Anderson Power Products...
6351 APP-6351 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
logo
Alpha Wire
6351 ALPHAWIRE-6351 Datasheet
409Kb / 4P
24 (7/32) AWG Tinned Copper
logo
List of Unclassifed Man...
63510-45 ETC2-63510-45 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
63510-47 ETC2-63510-47 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
More results


Similar Description - 6351

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5301 POMONA-5301 Datasheet
54Kb / 1P
SMD Grabber Test Clip Patch Cord
5302 POMONA-5302 Datasheet
24Kb / 1P
SMD Grabber Test Clip To Stacking Banana Plug
5360 POMONA-5360 Datasheet
34Kb / 1P
SMD Grabber Test Clip
6352 POMONA-6352 Datasheet
481Kb / 2P
13mm Tip Reach, SMD Micro Grabber Test Clip
6353 POMONA-6353 Datasheet
367Kb / 2P
2mm Tip Reach, SMD Micro Grabber Test Clip
6442 POMONA-6442 Datasheet
161Kb / 2P
13mm Tip Reach, SMD Micro Grabber Test Clip
6490 POMONA-6490 Datasheet
115Kb / 2P
20mm Tip Reach, SMD Grabber Test Clip
72904 POMONA-72904 Datasheet
134Kb / 1P
Clip lead for Micro SMD Grabber
72905 POMONA-72905 Datasheet
134Kb / 1P
Clip lead for Micro SMD Grabber
72929 POMONA-72929 Datasheet
86Kb / 1P
Mini SMD Grabber Test Clip Lead with 4mm Jack
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com