Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72915 Datasheet (PDF) - Pomona Electronics

72915 Datasheet PDF - Pomona Electronics
Part # 72915
Download  72915 Download
File Size   130.91 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description 2mm Sheathed Jack to 2mm Unsheathed Plug Adapter

72915 Datasheet (PDF)

Go To PDF Page Download Datasheet
72915 Datasheet PDF - Pomona Electronics

Part # 72915
Download  72915 Click to download

File Size   130.91 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description 2mm Sheathed Jack to 2mm Unsheathed Plug Adapter

72915 Datasheet (HTML) - Pomona Electronics




Similar Part No. - 72915

ManufacturerPart #DatasheetDescription
logo
Heyco.
7291 HEYCO-7291 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Keystone Electronics Co...
7291 KEYSTONE-7291 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
TE Connectivity Ltd
7291-BCE-S-001-000 TEC-7291-BCE-S-001-000 Datasheet
628Kb / 15P
SMI LOW PRESSURE DIGITAL / ANALOG SENSOR
05/2021
logo
Pomona Electronics
72910 POMONA-72910 Datasheet
70Kb / 1P
IEC Insulated BNC (M) to 2 male banana 4 mm plugs
72911 POMONA-72911 Datasheet
71Kb / 1P
IEC Insulated BNC (F) to 2 male banana 4 mm plugs
More results


Similar Description - 72915

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5935 POMONA-5935 Datasheet
24Kb / 1P
2MM Insulated Banana Jack
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
72919 POMONA-72919 Datasheet
143Kb / 1P
2mm SAFETY Sheathed Patch Cords
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
72921 POMONA-72921 Datasheet
124Kb / 1P
2mm SAFETY Sheathed Jack
72922 POMONA-72922 Datasheet
120Kb / 1P
2mm SAFETY Sheathed Jack with Solder Tab
72925 POMONA-72925 Datasheet
132Kb / 1P
2mm Stackable Safety Sheathed Plug
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
logo
List of Unclassifed Man...
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com