Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72930 Datasheet (PDF) - Pomona Electronics

72930 Datasheet PDF - Pomona Electronics
Part # 72930
Download  72930 Download
File Size   92.0 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Panel Mt IEC1010 4mm (0.16in) jack for Sheathed Plugs

72930 Datasheet (PDF)

Go To PDF Page Download Datasheet
72930 Datasheet PDF - Pomona Electronics

Part # 72930
Download  72930 Click to download

File Size   92.0 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Panel Mt IEC1010 4mm (0.16in) jack for Sheathed Plugs

72930 Datasheet (HTML) - Pomona Electronics




Similar Part No. - 72930

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
729309 ADELS-729309 Datasheet
110Kb / 1P
AC 167 WKZ/ 3 0,9
30/12/2019
More results


Similar Description - 72930

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5931 POMONA-5931 Datasheet
70Kb / 1P
Panel Mount 4mm Banana Jack For Sheathed Plugs
6387 POMONA-6387 Datasheet
147Kb / 1P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
72912 POMONA-72912 Datasheet
106Kb / 1P
Panel Mt IEC1010 Banana Jacks for Sheathed Plugs
72913 POMONA-72913 Datasheet
128Kb / 1P
Panel Mt IEC61010 4mm (0.16in) Jack for Sheathed Banana Plugs
72921 POMONA-72921 Datasheet
124Kb / 1P
2mm SAFETY Sheathed Jack
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
logo
List of Unclassifed Man...
P217600 ETC2-P217600 Datasheet
110Kb / 2P
LEAD 4MM SHEATHED PLUCS
P252100 ETC2-P252100 Datasheet
211Kb / 2P
LEAD 4MM STACKING SHEATHED PLUGS
logo
PHOENIX CONTACT
3048577 PHOENIX-3048577 Datasheet
72Kb / 4P
Test plugs - MPS-MT/ 4MM
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com