| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX1472
|
210Kb / 9P |
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03 |
|
MAX1479
|
635Kb / 11P |
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04 |
|
MAX7044
|
301Kb / 9P |
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 0; 1/04 |
|
MAX1472
|
239Kb / 9P |
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05 |
|
MAX1479
|
270Kb / 10P |
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09 |
|
MAX7044
|
258Kb / 10P |
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 3; 6/09 |
|
MAX7057
|
204Kb / 19P |
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08 |
|
MAX7044
|
151Kb / 10P |
300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 4; 2/11 |
|
MAX1472
|
178Kb / 9P |
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10 |
|
MAX1472
|
170Kb / 9P |
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12 |