| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX4230
|
529Kb / 18P |
High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04 |
 ams AG |
AS1710
|
750Kb / 17P |
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
|
 Maxim Integrated Produc... |
MAX4230
|
715Kb / 26P |
High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08 |
|
MAX4230
|
859Kb / 28P |
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11 |
|
MAX4230_1110
|
895Kb / 28P |
High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11 |
|
MAX4230
|
911Kb / 28P |
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12 |
|
MAX4232AKA
|
1Mb / 28P |
High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12 |
 ams AG |
AS1710
|
1Mb / 20P |
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
|
 Maxim Integrated Produc... |
MAX4232AUA-T
|
1Mb / 28P |
High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12 |
|
MAX4230
|
1Mb / 15P |
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
2021 |