Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70001SRH Datasheet (PDF) - Intersil Corporation

ISL70001SRH Datasheet PDF - Intersil Corporation
Part # ISL70001SRH
Download  ISL70001SRH Download
File Size   289.96 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs

ISL70001SRH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70001SRH Datasheet PDF - Intersil Corporation

Part # ISL70001SRH
Download  ISL70001SRH Click to download

File Size   289.96 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs

ISL70001SRH Datasheet (HTML) - Intersil Corporation


ISL70001SRH Product details

Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs

The ISL70001SRH is a radiation hardened and SEE hardened high efficiency monolithic synchronous buck regulator with integrated MOSFETs. This single chip power solution operates over an input voltage range of 3V to 5.5V and provides a tightly regulated output voltage that is externally adjustable from 0.8V to ~85% of the input voltage. Output load current capacity is 6A for TJ < +145°C.

Features
• Electrically Screened to DSCC SMD 5962-09225
• QML Qualified per MIL-PRF-38535 Requirements
• Full Mil-Temp Range Operation (TA = -55°C to +125°C)
• Radiation Hardness
    - Total Dose [50-300rad(Si)/s] . . . . . . . . . . .100krad(Si) min
• SEE Hardness
    - SEL and SEB LETeff . . . . . . . . . . . . 86.4MeV/mg/cm2 min
    - SEFI X-section (LETeff = 86.4MeV/mg/cm2) 1.4 x 10-6 cm2 max
    - SET LETeff (< 1 Pulse Perturbation) 86.4MeV/mg/cm2 min
• High Efficiency > 90%
• Fixed 1MHz Operating Frequency
• Operates from 3V to 5.5V Supply
• ±1% Reference Voltage over Line, Load, Temperature and Radiation
• Adjustable Output Voltage
    - Two External Resistors Set VOUT from 0.8V to ~85% of VIN
• Excellent Dynamic Response
• Bi-directional SYNC Pin Allows Two Devices to be Synchronized 180° Out-of-Phase
• Device Enable with Comparator Type Input
• Power-Good Output Voltage Monitor
• Adjustable Analog Soft-Start
• Input Undervoltage, Output Undervoltage and Output Overcurrent Protection
• Starts Into Pre-Biased Load

Applications
• FPGA, CPLD, DSP, CPU Core or I/O Voltages
• Low-Voltage, High-Density Distributed Power Systems




Similar Part No. - ISL70001SRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
logo
Renesas Technology Corp
ISL70001SRH RENESAS-ISL70001SRH Datasheet
660Kb / 24P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Feb 5, 2024
logo
Intersil Corporation
ISL70001SRHEVAL1Z INTERSIL-ISL70001SRHEVAL1Z Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
ISL70001SRHEVAL1Z INTERSIL-ISL70001SRHEVAL1Z Datasheet
587Kb / 17P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
November 30, 2011
logo
Renesas Technology Corp
ISL70001SRHEVAL1Z RENESAS-ISL70001SRHEVAL1Z Datasheet
660Kb / 24P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Feb 5, 2024
More results


Similar Description - ISL70001SRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
logo
Peregrine Semiconductor
PE99155 PSEMI-PE99155 Datasheet
459Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
logo
Intersil Corporation
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com