Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLX4270RIQT7 Datasheet (PDF) - Intersil Corporation

QLX4270RIQT7 Datasheet PDF - Intersil Corporation
Part # QLX4270RIQT7
Download  QLX4270RIQT7 Download
File Size   184.66 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description DisplayPort Lane Extender

QLX4270RIQT7 Datasheet (PDF)

Go To PDF Page Download Datasheet
QLX4270RIQT7 Datasheet PDF - Intersil Corporation

Part # QLX4270RIQT7
Download  QLX4270RIQT7 Click to download

File Size   184.66 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description DisplayPort Lane Extender

QLX4270RIQT7 Datasheet (HTML) - Intersil Corporation


QLX4270RIQT7 Product details

DisplayPort Lane Extender

The QLx4270-DP is a settable quad receive-side equalizer with extended functionality for DisplayPort applications. The QLx4270-DP compensates for the frequency dependent attenuation of copper cables, allowing operation on ultra-thin 40AWG cable.
The small form factor, highly-integrated quad design is ideal for high-density data transmission applications including active copper cable assemblies.

Features
• Supports data rates up to 2.7Gb/s per lane
• Low power (78mW per channel)
• Low latency (<500ps)
• Four equalizers in a 4mmx7mm QFN package for straight route-through architecture and simplified routing
• Each equalizer boost is independently pin selectable and programmable
• 1.2V supply voltage

Applications
• DisplayPort (VESA DisplayPort Standard v1.1a)
• DisplayPort adaptors and repeaters

Benefits
• Thinner gauge cable
• Extends cable reach greater than 5x
• Improved BER




Similar Part No. - QLX4270RIQT7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4270RIQT7 INTERSIL-QLX4270RIQT7 Datasheet
246Kb / 7P
DisplayPort Lane Extender
logo
Renesas Technology Corp
QLX4270RIQT7 RENESAS-QLX4270RIQT7 Datasheet
390Kb / 7P
DisplayPort Lane Extender
More results


Similar Description - QLX4270RIQT7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
Quad Lane Extender
November 19, 2009
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
Quad Lane Extender
QLX411GRX INTERSIL-QLX411GRX Datasheet
382Kb / 11P
Quad Lane Extender
November 19, 2009
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
Quad Lane Extender
March 25, 2010
QLX4270-DP INTERSIL-QLX4270-DP_10 Datasheet
246Kb / 7P
DisplayPort Lane Extender
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
Quad Lane Extender
logo
Renesas Technology Corp
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
Quad Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
DisplayPort Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
Quad Lane Extender
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
Quad Lane Extender
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com