Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9920 Datasheet (PDF) - Maxim Integrated Products

MAX9920 Datasheet PDF - Maxim Integrated Products
Part # MAX9920
Download  MAX9920 Download
File Size   2169.22 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers

MAX9920 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9920 Datasheet PDF - Maxim Integrated Products

Part # MAX9920
Download  MAX9920 Click to download

File Size   2169.22 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers

MAX9920 Datasheet (HTML) - Maxim Integrated Products


MAX9920 Product details

General Description

The MAX9918/MAX9919/MAX9920 are single-supply, high-accuracy current-sense amplifiers with a high input common-mode range that extends from -20V to +75V. These amplifiers are well suited for current moni toring of inductive loads such as motors and solenoids, where common-mode voltages can become negative due to inductive kickback, reverse-battery conditions, or transient events.



Features

♦ -20V to +75V Input Common-Mode Voltage Range

♦ 400µV (max) Input Offset Voltage

♦ 0.6% (max) Gain Accuracy Error

♦ Uni- or Bidirectional Current Sensing

♦ Reference Input for Bidirectional OUT

♦ 120kHz, -3dB Bandwidth (MAX9919N)

♦ Single-Supply Operation (4.5V to 5.5V)

♦ 1mA Supply Current

♦ 0.5µA (typ) Shutdown Current

♦ Rail-to-Rail Output

♦ -40°C to +125°C Automotive Temperature Range



Applications

  H-Bridge Motor Current Sensing

  Solenoid Current Sensing

  Current Monitoring of Inductive Loads

  High- and Low-Side Precision Current Sensing

  4x4 Transmission Control

  Electronic Throttle Control

  Super-Capacitor Charge/Discharge Monitoring in Hybrid Cars

  Precision High-Voltage Current Monitoring



 




Similar Part No. - MAX9920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9920 MAXIM-MAX9920 Datasheet
107Kb / 7P
Fully Assembled and Tested
Rev 0; 4/09
logo
Analog Devices
MAX9920 AD-MAX9920 Datasheet
1Mb / 19P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 10 7/19
logo
Maxim Integrated Produc...
MAX9920ASA MAXIM-MAX9920ASA Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9920ASA MAXIM-MAX9920ASA Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9920ASA+ MAXIM-MAX9920ASA+ Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
More results


Similar Description - MAX9920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9928F MAXIM-MAX9928F_12 Datasheet
261Kb / 14P
-0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
Precision, Extended Input Range Current Sense Amplifier
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
logo
STMicroelectronics
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com