| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NSS20201MR6T1G
|
38Kb / 4P |
20 V, 3 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. P1 |
|
NSS20200LT1G
|
102Kb / 5P |
20 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0 |
|
NSS20500UW3T2G
|
61Kb / 6P |
20 V, 7.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0 |
|
NSS20600CF8T1G
|
102Kb / 5P |
20 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0 |
|
NSS20201MR6T1G
|
47Kb / 4P |
20 V, 3 A, Low VCE(sat) NPN Transistor
January, 2006 ??Rev. 0 |
|
NSS20201LT1G
|
131Kb / 5P |
20 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5 |
|
NSS20501UW3T2G
|
88Kb / 5P |
20 V, 7.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 2 |
|
NSS20601CF8T1G
|
88Kb / 6P |
20 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1 |
|
NSS20201LT1G
|
135Kb / 6P |
20 V, 4.0 A, Low VCE(sat) NPN Transistor
November, 2011 ??Rev. 6 |
|
NSS20300MR6T1G
|
134Kb / 5P |
20 V, 5 A, Low VCE(sat) PNP Transistor
April, 2009 ??Rev. 2 |