Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3665AXI-016 Datasheet (PDF) - Cypress Semiconductor

CY8C3665AXI-016 Datasheet PDF - Cypress Semiconductor
Part # CY8C3665AXI-016
Download  CY8C3665AXI-016 Download
File Size   2950.92 Kbytes
Page   99 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable System-on-Chip (PSoC)

CY8C3665AXI-016 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY8C3665AXI-016 Datasheet PDF - Cypress Semiconductor

Part # CY8C3665AXI-016
Download  CY8C3665AXI-016 Click to download

File Size   2950.92 Kbytes
Page   99 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable System-on-Chip (PSoC)

CY8C3665AXI-016 Datasheet (HTML) - Cypress Semiconductor


CY8C3665AXI-016 Product details

General Description
With its unique array of configurable blocks, PSoC®3 is a true system level solution providing MCU, memory, analog, and digital peripheral functions in a single chip. The CY8C36 family offers a modern method of signal acquisition, signal processing, and control with high accuracy, high bandwidth, and high flexibility. Analog capability spans the range from thermocouples (near DC voltages) to ultrasonic signals. The CY8C36 family can handle dozens of data acquisition channels and analog inputs on every GPIO pin. The CY8C36 family is also a high performance configurable digital system with some part numbers including interfaces such as USB, multi-master I2C, and CAN. In addition to communication interfaces, the CY8C36 family has an easy to configure logic array, flexible routing to all I/O pins, and a high performance single cycle 8051 microprocessor core. Designers can easily create system level designs using a rich library of prebuilt components and boolean primitives using PSoC® Creator™, a hierarchical schematic design entry tool. The CY8C36 family provides unparalleled opportunities for analog and digital bill of materials integration while easily accommodating last minute design changes through simple firmware updates.

Features
■ Single cycle 8051 CPU core
   □ DC to 67 MHz operation
   □ Multiply and divide instructions
   □ Flash program memory, up to 64 KB, 100,000 write cycles, 20 years retention, multiple security features
   □ Up to 8 KB Flash ECC or configuration storage
   □ Up to 8 KB SRAM memory
   □ Up to 2 KB EEPROM memory, 1M cycles, 20 years retention
   □ 24 channel DMA with multilayer AHB bus access
      • Programmable chained descriptors and priorities
      • High bandwidth 32-bit transfer support
■ Low voltage, ultra low power
   □ Wide operating voltage range: 0.5V to 5.5V
   □ High efficiency boost regulator from 0.5V input to 1.8V-5.0V output
   □ 330 µA at 1 MHz, 1.2 mA at 6 MHz, 5.6 mA at 40 MHz
   □ Low power modes including:
      • 200 nA hibernate mode with RAM retention and LVD
      • 1 µA sleep mode with real time clock and low voltage reset
■ Versatile I/O system
   □ 28 to 72 I/O (62 GPIO, 8 SIO, 2 USBIO[1])
   □ Any GPIO to any digital or analog peripheral routability
   □ LCD direct drive from any GPIO, up to 46x16 segments[1]
   □ 1.2V to 5.5V I/O interface voltages, up to 4 domains
   □ Maskable, independent IRQ on any pin or port
   □ Schmitt trigger TTL inputs
   □ All GPIO configurable as open drain high/low, pull up/down, High-Z, or strong output
   □ Configurable GPIO pin state at power on reset (POR)
   □ 25 mA sink on SIO
■ Digital peripherals
   □ 20 to 24 programmable PLD based Universal Digital Blocks
   □ Full CAN 2.0b 16 RX, 8 TX buffers[1]
   □ Full-speed (FS) USB 2.0 12 Mbps using internal oscillator[1]
   □ Up to four 16-bit configurable timer, counter, and PWM blocks
   □ Library of standard peripherals
      • 8, 16, 24, and 32-bit timers, counters, and PWMs
      • SPI, UART, I2C
      • Many others available in catalog
   □ Library of advanced peripherals
      • Cyclic Redundancy Check (CRC)
      • Pseudo Random Sequence (PRS) generator
      • LIN Bus 2.0
      • Quadrature decoder
■ Analog peripherals (1.71V ≤ Vdda ≤ 5.5V)
   □ 1.024V±0.9% internal voltage reference across -40°C to +85°C (14 ppm/°C)
   □ Configurable Delta-Sigma ADC with 12-bit resolution
      • Programmable gain stage: x0.25 to x16
      • 12-bit mode, 192 ksps, 70 dB SNR, 1 bit INL/DNL
   □ 67 MHz, 24-bit fixed point digital filter block (DFB) to implement FIR and IIR filters[1]
   □ Up to four 8-bit, 8 Msps IDACs or 1 Msps VDACs
   □ Four comparators with 75 ns response time
   □ Up to four uncommitted opamps with 25 mA drive capability
   □ Up to four configurable multifunction analog blocks. Example configurations are PGA, TIA, Mixer, and Sample and Hold
■ Programming, debug, and trace
   □ JTAG (4 wire), Serial Wire Debug (SWD) (2 wire), and Single Wire Viewer (SWV) interfaces
   □ 8 address and 1 data breakpoint
   □ 4 KB instruction trace buffer
   □ Bootloader programming supportable through I2C, SPI, UART, USB, and other interfaces
■ Precision, programmable clocking
   □ 1 to 66 MHz internal ±1% oscillator (over full temperature and voltage range) with PLL
   □ 4 to 33 MHz crystal oscillator for crystal PPM accuracy
   □ Internal PLL clock generation up to 67 MHz
   □ 32.768 kHz watch crystal oscillator
   □ Low power internal oscillator at 1 kHz, 100 kHz
■ Temperature and packaging
   □ -40°C to +85°C degrees industrial temperature
   □ 48-pin SSOP, 48-pin QFN, 68-pin QFN, and 100-pin TQFP package options




Similar Part No. - CY8C3665AXI-016

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3665AXI-016 CYPRESS-CY8C3665AXI-016 Datasheet
3Mb / 112P
Programmable System-on-Chip (PSoC짰)
CY8C3665AXI-016 CYPRESS-CY8C3665AXI-016 Datasheet
4Mb / 125P
Programmable System-on-Chip (PSoC짰)
CY8C3665AXI-016 CYPRESS-CY8C3665AXI-016 Datasheet
4Mb / 126P
Programmable System-on-Chip (PSoC) Multiply and divide instructions
CY8C3665AXI-016 CYPRESS-CY8C3665AXI-016 Datasheet
4Mb / 131P
Programmable System-on-Chip (PSoC짰)
More results


Similar Description - CY8C3665AXI-016

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
Programmable System-on-Chip (PSoC)
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
Programmable System-on-Chip (PSoC)
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
PSoC Programmable System-on-Chip
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
PSoC Programmable System-on-Chip
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
Programmable System-on-Chip (PSoC)
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com