| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTGS4111P
|
71Kb / 5P |
Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2 |
|
NTGD4161P
|
67Kb / 5P |
Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1 |
|
NTGS3441P
|
64Kb / 6P |
Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0 |
|
NTGD3149C
|
126Kb / 8P |
Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual
May, 2008 ??Rev. 0 |
|
NTGS3130N
|
93Kb / 5P |
Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0 |
|
NTGS3136P
|
119Kb / 5P |
Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0 |
|
NTGS3447P
|
95Kb / 6P |
Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0 |
|
NTGS3441B
|
94Kb / 6P |
Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0 |
|
NTGS3443B
|
96Kb / 6P |
Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0 |
 Nexperia B.V. All right... |
PMDPB65UP
|
326Kb / 16P |
20 V, 3.5 A dual P-channel Trench MOSFET
|