| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTJD4105C
|
77Kb / 8P |
Small Signal MOSFET 20 V / ??.0 V, Complementary, 0.63 A / ??.775 A, SC??8
January, 2004 ??Rev. 1 |
|
NTJS3151P
|
134Kb / 6P |
Trench Power MOSFET 12 V, 3.3 A, Single P?묬hannel, ESD Protected SC??8
March, 2006 ??Rev. 2 |
|
NTJD4401N
|
66Kb / 5P |
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3 |
|
NTJS4160N
|
87Kb / 5P |
Power MOSFET 30 V, 3.2 A, Single N-Channel, SC-88
March, 2008 - Rev. 1 |
|
NTJD4152P
|
93Kb / 5P |
Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2 |
|
NTJD4158C
|
148Kb / 7P |
Small Signal MOSFET 30 V/??0 V, 0.25/??.88 A, Complementary, SC??8
March, 2009 ??Rev. 2 |
|
NTJD4401N
|
86Kb / 5P |
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
January, 2008 - Rev. 4 |
 Pan Jit International I... |
PJT7603
|
457Kb / 9P |
Complementary Enhancement Mode MOSFET ??ESD Protected
|
|
PJX8603
|
467Kb / 9P |
Complementary Enhancement Mode MOSFET ??ESD Protected
|
|
PJX8601
|
558Kb / 9P |
Complementary Enhancement Mode MOSFET – ESD Protected
August 10,2022 PJX8601-REV.01 |