| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTUD3128N
|
87Kb / 5P |
Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0 |
|
NTUD3129P
|
87Kb / 5P |
Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0 |
|
NTUD3169CZ
|
124Kb / 8P |
Small Signal MOSFET 20 V, 220 mA / ??00 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0 |
|
NTUD3170NZ
|
107Kb / 5P |
Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0 |
|
NTUD3171PZ
|
108Kb / 5P |
Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0 |
|
NTZD3155C
|
116Kb / 8P |
Small Signal MOSFET Complementary 20 V, 540 mA / -430 mA, with ESD protection, SOT-563 package.
May, 2007 - Rev. 2 |
|
NTZS3151P
|
136Kb / 5P |
Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
March, 2006 ??Rev. 2 |
|
NTNS3A65PZ
|
123Kb / 6P |
??0 V, ??81 mA, Single P?묬hannel, SOT??83 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
September, 2012 ??Rev. 0 |
|
NTNS3164NZ
|
100Kb / 4P |
20 V, 245 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
June, 2012 ??Rev. P1 |
|
NTNS3164NZ
|
125Kb / 6P |
Small Signal MOSFET 20 V, 361 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
March, 2013 ??Rev. 0 |