Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5156-33B Datasheet (PDF) - Anpec Electronics Coropration

APL5156-33B Datasheet PDF - Anpec Electronics Coropration
Part # APL5156-33B
Download  APL5156-33B Download
File Size   309.84 Kbytes
Page   18 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description High Input Voltage, Low Quiescent Current, 150mA LDO Regulator

APL5156-33B Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5156-33B Datasheet PDF - Anpec Electronics Coropration

Part # APL5156-33B
Download  APL5156-33B Click to download

File Size   309.84 Kbytes
Page   18 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description High Input Voltage, Low Quiescent Current, 150mA LDO Regulator

APL5156-33B Datasheet (HTML) - Anpec Electronics Coropration


APL5156-33B Product details

General Description
The APL5156 is a low ground current linear regulator, which operates with input voltage from 6.5V to 25V and delivers output current up to 150mA. Typical dropout voltage is only 1.9V at 150mA loading. This combination of the high voltage and the low ground current makes the APL5156 ideal for USB and portable devices, using 2-cell or 3-cell Li-Ion battery inputs.
The APL5156 is stable with aluminum, tantalum, and ceramic capacitors. It requires a 2.2mF or greater capacitor for stability.
The APL5156 has many protection functions, including over-temperature, current-limit, reverse battery, and reverse leakage protections which prevent the device from thermal over-load, current over-load, reverse connection of the battery and output current reversing to the VIN.
The APL5156 regulator is available in miniature SOT-23-5, SOT-89, and SOP-8P packages.

Features
• Wide Operating Voltage : 6.5V~25V
• Ultra Low Ground Current : 70mA
• High Output Accuracy : ±2% Over Temperature
• Excellent Load/Line Transient
• Low Dropout Voltage : 1900mv @ 150mA
• Fixed Output Voltages for 5V/3.3V or Adjustable
   Voltage
• Built-In Reverse Battery Protection
• Built-In Reverse Leakage Protection
• Built-In Current-Limit Protection
• Built-In Over-Temperature Protection
• Zero Shutdown Current
• Internal Soft-Start Function 0.5ms~1.5ms (max)
   Over Temperature
• POR Scheme to Prevent VOUT Spike
• Stable with Aluminum, Tantalum, or Ceramic Capacitors
• SOT-23-5, SOT-89, and SOP-8P Packages
• Lead Free and Green Devices Available
   (RoHS Compliant)

Applications
• USB Power Supply
• Keep-Alive Supply in Notebook and Portable
   Computers
• Logic Supply for High-Voltage Batteries
• Battery Powered Systems




Similar Part No. - APL5156-33B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-13B ANPEC-APL5151-13B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-14B ANPEC-APL5151-14B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-15B ANPEC-APL5151-15B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-16B ANPEC-APL5151-16B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
More results


Similar Description - APL5156-33B

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Unisonic Technologies
LM5954 UTC-LM5954 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 300mA LDO REGULATOR
LP5951 UTC-LP5951 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155 Datasheet
302Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL5155E ANPEC-APL5155E Datasheet
232Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com