Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX374 Datasheet (PDF) - Toshiba Semiconductor

74LCX374 Datasheet PDF - Toshiba Semiconductor
Part # 74LCX374
Download  74LCX374 Download
File Size   326.04 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS

74LCX374 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX374 Datasheet PDF - Toshiba Semiconductor

Part # 74LCX374
Download  74LCX374 Click to download

File Size   326.04 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS

74LCX374 Datasheet (HTML) - Toshiba Semiconductor


74LCX374 Product details

Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
   
The TC74LCX374 is a high-performance CMOS octal D-type flip-flop. Designed for use in 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications, but it could be used to interface to 5-V supply environment for both inputs and outputs.
   
Features
• Low-voltage operation: VCC = 2.0 to 3.6 V
• High-speed operation: tpd = 8.5 ns (max) (VCC = 3.0 to 3.6 V)
• Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Available in JEITA SOP, TSSOP and VSSOP (US)
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series
    (74AC/VHC/HC/F/ALS/LS etc.) 374 type
   




Similar Part No. - 74LCX374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LCX374 MOTOROLA-74LCX374 Datasheet
158Kb / 8P
LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
74LCX374 ONSEMI-74LCX374 Datasheet
158Kb / 8P
LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
STMicroelectronics
74LCX374 STMICROELECTRONICS-74LCX374 Datasheet
74Kb / 10P
OCTAL D-TYPE FLIP FLOP NON INVERTING 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-1999
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Similar Description - 74LCX374

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX574 FAIRCHILD-74LCX574 Datasheet
767Kb / 14P
Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_08 Datasheet
671Kb / 15P
74LCX374 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com