Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX162827FT Datasheet (PDF) - Toshiba Semiconductor

TC74VCX162827FT Datasheet PDF - Toshiba Semiconductor
Part # TC74VCX162827FT
Download  TC74VCX162827FT Download
File Size   344.39 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE 20-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS

TC74VCX162827FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VCX162827FT Datasheet PDF - Toshiba Semiconductor

Part # TC74VCX162827FT
Download  TC74VCX162827FT Click to download

File Size   344.39 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE 20-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS

TC74VCX162827FT Datasheet (HTML) - Toshiba Semiconductor


TC74VCX162827FT Product details

The TC74VCX162827FT is a high-performance CMOS 20-bit bus buffer. Designed for use in 1.8-V, 2.5-V or 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. It is also designed with overvoltage tolerant inputs and outputs up to 3.6 V. The TC74VCX162827FT is composed of two 10-bit sections with separate output-enable signals. For either 10-bit buffer section,

Features
• 26-Ω series resistors on outputs
• Low-voltage operation: VCC = 1.8 to 3.6 V
• High-speed operation: tpd = 3.4 (max) (VCC = 3.0 to 3.6 V)
  : tpd = 4.1 (max) (VCC = 2.3 to 2.7 V)
  : tpd = 8.2 (max) (VCC = 1.8 V)
• Output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
   : IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
   : IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
                   Human body model ≥ ±2000 V
• Package: TSSOP
• 3.6-V tolerant function and power-down protection provided on all inputs and outputs




Similar Part No. - TC74VCX162827FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162827FT TOSHIBA-TC74VCX162827FT Datasheet
216Kb / 11P
Low-Voltage 20-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162827FT TOSHIBA-TC74VCX162827FT_07 Datasheet
216Kb / 11P
Low-Voltage 20-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Similar Description - TC74VCX162827FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX125FT TOSHIBA-TC74VCX125FT Datasheet
381Kb / 8P
LOW-VOLTAGE QUAD BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162244FT TOSHIBA-TC74VCX162244FT Datasheet
335Kb / 9P
LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT Datasheet
333Kb / 9P
LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16827FT TOSHIBA-TC74VCX16827FT Datasheet
340Kb / 9P
LOW VOLTAGE 20-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX2244FT TOSHIBA-TC74VCX2244FT Datasheet
319Kb / 8P
LOW VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX244FT TOSHIBA-TC74VCX244FT Datasheet
316Kb / 8P
LOW VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA2244FK TOSHIBA-TC7MA2244FK Datasheet
314Kb / 8P
LOW-VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA244FK TOSHIBA-TC7MA244FK Datasheet
310Kb / 8P
LOW-VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA2541FK TOSHIBA-TC7MA2541FK Datasheet
315Kb / 8P
LOW-VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA541FK TOSHIBA-TC7MA541FK Datasheet
311Kb / 8P
LOW-VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com