Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73S8014R Datasheet (PDF) - Teridian Semiconductor Corporation

73S8014R Datasheet PDF - Teridian Semiconductor Corporation
Part # 73S8014R
Download  73S8014R Download
File Size   382.04 Kbytes
Page   29 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Smart Card Interface

73S8014R Datasheet (PDF)

Go To PDF Page Download Datasheet
73S8014R Datasheet PDF - Teridian Semiconductor Corporation

Part # 73S8014R
Download  73S8014R Click to download

File Size   382.04 Kbytes
Page   29 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Smart Card Interface

73S8014R Datasheet (HTML) - Teridian Semiconductor Corporation


73S8014R Product details

DESCRIPTION
The Teridian 73S8014R is a single smart card (ICC) interface circuit, firmware compatible with 8024-type devices for configurations where only asynchronous cards must be supported. It is derived from the 73S8024RN industry standard electrical interface. The 73S8014R has been optimized to match most of the typical Set-Top-Box / A/V Conditional Access applications. Optimization essentially involved a smaller pin-count, support for single I/O, and maximum card current of 65mA (ISO-7816 / EMV compliance).
   
FEATURES
• Card Interface:
    ▪ Complies with ISO 7816-3 and EMV 4.0
    ▪ Supports 3V / 5V cards
    ▪ ISO 7816-3 Activation / Deactivation sequencer
    ▪ Automated deactivation upon hardware fault (i.e. upon
        drop on VDD power supply or card overcurrent)
    ▪ The VDD voltage supervisor threshold value (fault) can
        be externally adjusted
    ▪ Over-current detection 130mA max
    ▪ Card CLK clock frequency up to 20MHz
• System Controller Interface:
    ▪ 3 Digital inputs control the card activation /
        deactivation, card reset and card voltage
    ▪ 2 Digital inputs control the card clock frequency
    ▪ 1 Digital output, interrupt to the system controller,
        reports to the host the card presence and faults
    ▪ Crystal oscillator or host clock, up to 27MHz
• Regulator Power Supply:
    ▪ 4.75V to 5.5V
• Digital Interfacing: 2.7V to 5.5V
• 6kV ESD protection on the card interface
• Package: SO 20-pin
• RoHS compliant (6/6) lead-free package
   
APPLICATIONS
• Set-Top-Box Conditional Access and Pay-per-View
• General purpose smart card readers
   




Similar Part No. - 73S8014R

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
Smart Card Interface
73S8014RN-IL/F TERIDIAN-73S8014RN-IL/F Datasheet
395Kb / 28P
Smart Card Interface
73S8014RN-ILR/F TERIDIAN-73S8014RN-ILR/F Datasheet
395Kb / 28P
Smart Card Interface
73S8014RT TERIDIAN-73S8014RT Datasheet
454Kb / 29P
Smart Card Interface
73S8014RT-IL/F TERIDIAN-73S8014RT-IL/F Datasheet
454Kb / 29P
Smart Card Interface
More results


Similar Description - 73S8014R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
SMART CARD INTERFACE
Dec-1992
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
Smart Card Interface
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
Smart Card Interface
Rev 2; 2/12
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
Smart Card Interface
April 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com