Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78P2351 Datasheet (PDF) - Teridian Semiconductor Corporation

78P2351 Datasheet PDF - Teridian Semiconductor Corporation
Part # 78P2351
Download  78P2351 Download
File Size   742.94 Kbytes
Page   42 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Single Channel OC-3/ STM1-E/ E4 LIU

78P2351 Datasheet (PDF)

Go To PDF Page Download Datasheet
78P2351 Datasheet PDF - Teridian Semiconductor Corporation

Part # 78P2351
Download  78P2351 Click to download

File Size   742.94 Kbytes
Page   42 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Single Channel OC-3/ STM1-E/ E4 LIU

78P2351 Datasheet (HTML) - Teridian Semiconductor Corporation


78P2351 Product details

DESCRIPTION

The 78P2351 is Teridian’s second generation Line Interface Unit (LIU) for 155 Mbps (OC-3, STS-3, or STM-1) and 140 Mbps PDH (E4) telecom interfaces. The device is a single chip solution that includes an integrated CDR in the transmit path for flexible NRZ to CMI conversion.

The device can interface to 75Ω coaxial cable using CMI coding or directly to a fiber optics transceiver module using NRZ coding. The 78P2351 is compliant with all respective ANSI, ITU-T, and Telcordia standards for jitter tolerance, generation, and transfer.



FEATURES

• ITU-T G.703 compliant cable driver for 139.264 Mbps or 155.52 Mbps CMI-coded coax transmission

• Integrated adaptive CMI equalizer and CDR in receive path handles over 12.7dB of cable loss

• Serial, LVPECL-compatible system interface with integrated CRU in transmit path for flexible NRZ to CMI conversion.

• 4-bit parallel CMOS system interface with master and slave Tx clock modes.

• Selectable LVPECL compatible NRZ media interface for 155.52 Mbps optical transmission.

• Configurable via HW control pins or 4-wire serial interface

• Compliant with ANSI T1.105.03-1994; ITU-T G.751, G.813, G.823, G.825, G.958; and Telcordia GR-253-CORE for jitter performance.

• Receiver Loss of Signal (LOS) detection compatible with ITU-T G.783

• Operates from a single 3.3V supply

• 100-pin JEDEC LQFP



APPLICATIONS

• Central Office Interconnects

• DSLAMs

• Add Drop Multiplexers (ADMs)

• PDH/SDH test equipment

• Multi Service Switches

• Digital Microwave Radios



 




Similar Part No. - 78P2351

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2351R TERIDIAN-78P2351R Datasheet
578Kb / 31P
Serial 155M NRZ to CMI Converter
78P2351R-IM TERIDIAN-78P2351R-IM Datasheet
578Kb / 31P
Serial 155M NRZ to CMI Converter
78P2351R-IM/F TERIDIAN-78P2351R-IM/F Datasheet
578Kb / 31P
Serial 155M NRZ to CMI Converter
78P2351R-IMR TERIDIAN-78P2351R-IMR Datasheet
578Kb / 31P
Serial 155M NRZ to CMI Converter
More results


Similar Description - 78P2351

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89426 MICREL-SY89426 Datasheet
90Kb / 6P
SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
Applied Micro Circuits ...
S3031B AMCC-S3031B Datasheet
244Kb / 26P
E4/STM-1/OC-3 ATM TRANSCEIVER
logo
Source Photonics, Inc.
SP-03-MX-CDA SOURCE-SP-03-MX-CDA Datasheet
616Kb / 7P
OC-3 SFP Transceiver
logo
OPLINK Communications I...
TRCE03KE2C000C3 OPLINK-TRCE03KE2C000C3 Datasheet
449Kb / 5P
OC-3 1510nm Optical Supervisory Channel SFP Transceiver
TRPA03E2ZBBS3 OPLINK-TRPA03E2ZBBS3 Datasheet
466Kb / 5P
OC-3 1510nm Optical Supervisory Channel SFP Transceiver
logo
PCA ELECTRONICS INC.
EPR1621GE PCA-EPR1621GE Datasheet
25Kb / 1P
E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1622SE PCA-EPR1622SE Datasheet
41Kb / 1P
E4/STM-1/STS-3/OC-3 Interface Transformer
logo
Teridian Semiconductor ...
78P2352 TERIDIAN-78P2352 Datasheet
760Kb / 42P
Dual Channel OC-3/ STM1-E/ E4 LIU
logo
Micrel Semiconductor
SY89426 MICREL-SY89426_05 Datasheet
78Kb / 7P
SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
OPLINK Communications I...
TRPE03KE2C000X0G OPLINK-TRPE03KE2C000X0G Datasheet
289Kb / 5P
OC-3 CWDM Optical Supervisory Channel SFP Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com