Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS801B Datasheet (PDF) - Holtek Semiconductor Inc

BS801B Datasheet PDF - Holtek Semiconductor Inc
Part # BS801B
Download  BS801B Download
File Size   167.58 Kbytes
Page   21 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Touch Key

BS801B Datasheet (PDF)

Go To PDF Page Download Datasheet
BS801B Datasheet PDF - Holtek Semiconductor Inc

Part # BS801B
Download  BS801B Click to download

File Size   167.58 Kbytes
Page   21 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Touch Key

BS801B Datasheet (HTML) - Holtek Semiconductor Inc


BS801B Product details

The BS801B/02B/04B/06B/08B are a range of 1 to 8 key touch key devices which can detect human body contact using external touch pads. The high level of device integration enable applications to be implemented with a minimum number of external components.

* Operating voltage: 2.2V~5.5V
* Ultra low standby current: 1.5Aat3V
* Auto-calibration
* High reliability touch detections
* High PSRR




Similar Part No. - BS801B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS801C HOLTEK-BS801C Datasheet
181Kb / 21P
Touch Key
December 2, 2009
More results


Similar Description - BS801B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7700 HOLTEK-HT7700 Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
logo
STMicroelectronics
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
156Kb / 12P
12 channel touch key controller
19-Jun-2007
logo
Holtek Semiconductor In...
BS801C HOLTEK-BS801C Datasheet
181Kb / 21P
Touch Key
December 2, 2009
logo
ATMEL Corporation
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
logo
List of Unclassifed Man...
NT1160 ETC2-NT1160 Datasheet
714Kb / 22P
The Nuvoton touch key series
logo
Holtek Semiconductor In...
BS83B04C HOLTEK-BS83B04C Datasheet
6Mb / 123P
4 Key Touch Flash MCU
logo
Avia Semiconductor Co.,...
HX610 AVIA-HX610 Datasheet
56Kb / 1P
6-Key Capacitive Touch Key Controller
logo
Generalplus Technology ...
GPM8F377A GENERALPLUS-GPM8F377A Datasheet
376Kb / 16P
Capacitive Touch M-KEY Sensor
logo
Shanghai awinic technol...
AW9203 AWINIC-AW9203 Datasheet
1Mb / 30P
3-Key Capacitive Touch Controller
logo
Shenzhen Huazhimei Semi...
HM226 HMSEMI-HM226 Datasheet
430Kb / 5P
6-key touch detection IC
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com