Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-AIM-C1 Datasheet (PDF) - Powerbox

VI-AIM-C1 Datasheet PDF - Powerbox
Part # VI-AIM-C1
Download  VI-AIM-C1 Download
File Size   438.91 Kbytes
Page   1 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description AC INPUT MODULE

VI-AIM-C1 Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-AIM-C1 Datasheet PDF - Powerbox

Part # VI-AIM-C1
Download  VI-AIM-C1 Click to download

File Size   438.91 Kbytes
Page   1 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description AC INPUT MODULE

VI-AIM-C1 Datasheet (HTML) - Powerbox


VI-AIM-C1 Product details

AC INPUT MODULE



Features

• Universal input: 85 to 264VAC

• Output power: 250 watts

• Operating temperature: 100°C

• 97% efficiency

• EMI/RFI filtering to FCC/VDE, Class A

• Input transient protection

• Inrush limiting

• UL, CSA, TUV, VDE, BABT, CE, C-Tick




Similar Part No. - VI-AIM-C1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-AIM-C1 VICOR-VI-AIM-C1 Datasheet
84Kb / 2P
VI-AIM (Universal AC Input Front End Module)
VI-AIM-C1 VICOR-VI-AIM-C1 Datasheet
164Kb / 4P
Universal AC Input Front End Module
More results


Similar Description - VI-AIM-C1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
Universal AC Input Front End Module
logo
Toshiba Semiconductor
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
Programmable Controllers AC/DC-Input Module
logo
celduc-relais
SEA05002 CELDUC-SEA05002 Datasheet
163Kb / 2P
AC SOLID STATE INPUT MODULE
logo
Powerbox
VI-HAM POWERBOX-VI-HAM Datasheet
707Kb / 1P
AC INPUT HARMONIC ATTENUATOR MODULE
logo
Vicor Corporation
AIM1714BB6MC7D5C00 VICOR-AIM1714BB6MC7D5C00 Datasheet
189Kb / 14P
Universal AC Input Module
logo
TE Connectivity Ltd
IACM TEC-IACM Datasheet
214Kb / 2P
Slim Line AC Input Module
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ_17 Datasheet
305Kb / 14P
Universal AC Input Module
VI-AIM-E1 VICOR-VI-AIM-E1_17 Datasheet
164Kb / 4P
Universal AC Input Front End Module
GP-MPFC1H21 VICOR-GP-MPFC1H21 Datasheet
390Kb / 9P
AC Input Front End Module
MI-AIM VICOR-MI-AIM Datasheet
154Kb / 5P
AC Input Front End Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com