Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0283 Datasheet (PDF) - JMK Inc.

0283 Datasheet PDF - JMK Inc.
Part # 0283
Download  0283 Download
File Size   224.29 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description The 283 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.

0283 Datasheet (PDF)

Go To PDF Page Download Datasheet
0283 Datasheet PDF - JMK Inc.

Part # 0283
Download  0283 Click to download

File Size   224.29 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description The 283 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.

0283 Datasheet (HTML) - JMK Inc.


0283 Product details

The 283 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss. It is very useful in power control systems where the ground coil will help eliminate system ground loop noise.



Operating voltage = 115/250 Vac

Operating current = 20, 30 Amp

Operating frequency = 50/60Hz

Operating temperature = -20o to 50o C

Diel. withstanding (line - case) = 1500 Vac

Diel. withstanding (line - line) = 1500 Vdc

Leakage current = 1.5 ma at 250 Vac, 60 Hz

Max residual voltage after 1 sec. = 30 Volts

Agency approvals = UL -- E60380

CSA -- LR50822-3, -135, -136

VDE -- 12819-4730-1014 A1G




Similar Part No. - 0283

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
0283 BURKERT-0283 Datasheet
62Kb / 2P
2/2-Wege-Magnetventil für niedrige Drücke
22.09.2017
logo
List of Unclassifed Man...
02830 ETC2-02830 Datasheet
357Kb / 3P
Wide-Vue Style Analog Panel Meters
logo
Littelfuse
0283020.MXJ LITTELFUSE-0283020.MXJ Datasheet
76Kb / 1P
FUSE - PAL 283 ATIS 32V SLOW BLOW
0283020.MXJ-B LITTELFUSE-0283020.MXJ-B Datasheet
76Kb / 1P
FUSE - PAL 283 ATIS 32V SLOW BLOW
0283030.MXJ LITTELFUSE-0283030.MXJ Datasheet
76Kb / 1P
FUSE - PAL 283 ATIS 32V SLOW BLOW
More results


Similar Description - 0283

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
AA-1249-6 JMK-AA-1249-6 Datasheet
173Kb / 1P
compact, single phase, device with very good common mode and differential mode insertion loss
AA-1280-2 JMK-AA-1280-2 Datasheet
32Kb / 1P
compact, single phase, device with very good common mode and differential mode insertion loss
0233H JMK-0233H Datasheet
94Kb / 1P
The H version of the 0233 series filter offers good common and differential mode insertion loss in an extremely small package.
0283E JMK-0283E Datasheet
202Kb / 1P
The 283 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.
1151 JMK-1151 Datasheet
202Kb / 1P
The 1151 filter is a very compact, single phase, high current device with very good common mode and differential mode insertion loss
EF-1233M-12 JMK-EF-1233M-12 Datasheet
164Kb / 1P
This filter provides very good common mode and differential insertion loss for 12 amp single phase systems
EF-0926-20 JMK-EF-0926-20 Datasheet
186Kb / 1P
The 926 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.
FF-1170-20 JMK-FF-1170-20 Datasheet
165Kb / 1P
This filter is intended to provide very good insertion loss and transient potection.
KK-1328-32 JMK-KK-1328-32 Datasheet
236Kb / 1P
This filter series is intended to very high common mode and differential insertion loss for DC power systems.
KK-1328-40 JMK-KK-1328-40 Datasheet
32Kb / 1P
This filter delivers high common mode and differential mode insertion loss for DC Power Systems.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com