Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL195W06 Datasheet (PDF) - COSMO Electronics Corporation

KL195W06 Datasheet PDF - COSMO  Electronics Corporation
Part # KL195W06
Download  KL195W06 Download
File Size   225.16 Kbytes
Page   9 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description SMD LED

KL195W06 Datasheet (PDF)

Go To PDF Page Download Datasheet
KL195W06 Datasheet PDF - COSMO  Electronics Corporation

Part # KL195W06
Download  KL195W06 Click to download

File Size   225.16 Kbytes
Page   9 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description SMD LED

KL195W06 Datasheet (HTML) - COSMO Electronics Corporation


KL195W06 Product details

Features
    Package: 1.6x0.8x0.6mm(0603) standard package
    Feature of the device: extremely wide viewing angle; ideal for backlighting and coupling in light guides
    Wavelength: , 470nm(Blue),525nm(Green)
    Viewing angle: Extremely Wide( 130∘ )
    Grouping parameter: luminous intensity
    Assembly methods: suitable for all SMT assembly methods
    Soldering methods: IR reflow soldering
    Taping: Package in 8mm tape on 7” diameter reel




Similar Part No. - KL195W06

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KL195W01 COSMO-KL195W01 Datasheet
222Kb / 9P
Etremely Wde viewing angle; ideal for backlighting and Coupling light guides
KL195W02 COSMO-KL195W02 Datasheet
224Kb / 9P
SMD LED
KL195W03 COSMO-KL195W03 Datasheet
224Kb / 9P
SMD LED
KL195W04 COSMO-KL195W04 Datasheet
225Kb / 9P
SMD LED
KL195W05 COSMO-KL195W05 Datasheet
225Kb / 9P
SMD LED
More results


Similar Description - KL195W06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
COSMO Electronics Corp...
KL195W02 COSMO-KL195W02 Datasheet
224Kb / 9P
SMD LED
logo
Cree, Inc
LM1-PBG1-01-N1 CREE-LM1-PBG1-01-N1 Datasheet
323Kb / 5P
SMD LED
LM1-PPG1-01-N1 CREE-LM1-PPG1-01-N1 Datasheet
325Kb / 5P
SMD LED
LM1-PRG1-01-N2 CREE-LM1-PRG1-01-N2 Datasheet
364Kb / 5P
SMD LED
LM6-THR1-3B-N1 CREE-LM6-THR1-3B-N1 Datasheet
303Kb / 5P
SMD LED
LP6-PWR1-03-N1 CREE-LP6-PWR1-03-N1 Datasheet
369Kb / 6P
SMD LED
logo
Lucky Light Electronic
GB-SM1204 LUCKY-LIGHT-GB-SM1204 Datasheet
45Kb / 1P
SMD LED
logo
LIGITEK electronics co....
LG-008DBK-CT LIGITEK-LG-008DBK-CT Datasheet
209Kb / 11P
LED SMD
LG-020WK-DT-J-N12 LIGITEK-LG-020WK-DT-J-N12 Datasheet
202Kb / 14P
LED SMD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com