Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD7626F Datasheet (PDF) - Toshiba Semiconductor

TD7626F Datasheet PDF - Toshiba Semiconductor
Part # TD7626F
Download  TD7626F Download
File Size   459.39 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV

TD7626F Datasheet (PDF)

Go To PDF Page Download Datasheet
TD7626F Datasheet PDF - Toshiba Semiconductor

Part # TD7626F
Download  TD7626F Click to download

File Size   459.39 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV

TD7626F Datasheet (HTML) - Toshiba Semiconductor


TD7626F Product details

2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV



TD7626F and TD7626FN are single-chip frequency synthesizer ICs that can be combined with a µCPU to configure an advanced-function frequency synthesizer system.

TD7626FN comes in a more compact package, pitch 0.65mm.



FEATURES

• High input sensitivity

   fin = 0.5~2.7GHz : −15dBmW (50Ω) (Min.)

• Built-in 1 / 16 prescaler

• Built-in 5-level AD converter

• Built-in simple comparators×3

• Simple control bus (I2C bus)

• Four-address selectable by address selector

• Frequency divider ratio settings : 1 / 512, 1 / 1024

• Built-in power-on reset circuit

• Small flat package version

   : TD7626F : SOP16 (1.27mm pitch)

      TD7626FN : SSOP16 (0.65mm pitch)



   Note: These devices are easy to be damaged by high static voltage or electric fields.

      In regards to this, please handle with care.

• Status after power-on reset

   Band drive P7~P0 : OFF

   Tuning amp : ON

   Tuning voltage output (Vt) : Low level

   Charge pump output current : 50µA

   Reference frequency divider ratio : 1 / 512



 




Similar Part No. - TD7626F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F Datasheet
220Kb / 14P
2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
TD7626FN TOSHIBA-TD7626FN Datasheet
220Kb / 14P
2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
TD7626F TOSHIBA-TD7626F_01 Datasheet
220Kb / 14P
2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
More results


Similar Description - TD7626F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64895FP MITSUBISHI-M64895FP Datasheet
45Kb / 6P
I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
logo
NTE Electronics
NTE1677 NTE-NTE1677 Datasheet
22Kb / 2P
Integrated Circuit Frequency Synthesizer for TV/CATV
logo
Toshiba Semiconductor
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
FREQUENCY SYNTHESIZER FOR TV/CATV
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
FREQUENCY SYNTHESIZER FOR TV/CATV
TD63809 TOSHIBA-TD63809 Datasheet
533Kb / 15P
FREQUENCY SYNTHESIZER FOR TV/CATV
TD6380P TOSHIBA-TD6380P Datasheet
566Kb / 16P
FREQUENCY SYNTHESIZER FOR TV/CATV
logo
Mitsubishi Electric Sem...
M64895BFP MITSUBISHI-M64895BFP Datasheet
50Kb / 6P
PC BUS FREQUENCY SYNTHESIZER FOR TV/VCR
logo
TEMIC Semiconductors
U6359B TEMIC-U6359B Datasheet
89Kb / 6P
Frequency Synthesizer for TV Tuner
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F_01 Datasheet
220Kb / 14P
2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
logo
Renesas Technology Corp
M64895BGP RENESAS-M64895BGP Datasheet
161Kb / 12P
I2C BUS FREQUENCY SYNTHESIZER FOR TV/VTR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com