Electronic Components Datasheet Search |
|
ELLS-406GWA Datasheet (PDF) - IDEA.lnc. |
ELLS-406GWA Datasheet (PDF) |
Download Datasheet |
Part # | ELLS-406GWA |
Download | ELLS-406GWA Click to download |
File Size | 116.58 Kbytes |
Page | 2 Pages |
Manufacturer | IDEA [IDEA.lnc.] |
Direct Link | http://www.ledidea.com |
Logo | |
Description | large 10.00 mm (0.39") high seven segment display designed for viewing distances up to 7 meters |
ELLS-406GWA Datasheet (HTML) - IDEA.lnc. |
Similar Part No. - ELLS-406GWA |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |