Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3052M-A Datasheet (PDF) - Lite-On Technology Corporation

MOC3052M-A Datasheet PDF - Lite-On Technology Corporation
Part # MOC3052M-A
Download  MOC3052M-A Download
File Size   111.2 Kbytes
Page   7 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of Lite-On Only

MOC3052M-A Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC3052M-A Datasheet PDF - Lite-On Technology Corporation

Part # MOC3052M-A
Download  MOC3052M-A Click to download

File Size   111.2 Kbytes
Page   7 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of Lite-On Only

MOC3052M-A Datasheet (HTML) - Lite-On Technology Corporation


MOC3052M-A Product details

FEATURES

* Isolation voltage between input and output Viso : 5,000Vrms

* 6pin DIP photocoupler, triac driver output

* High repetitive peak off-state voltage VDRM : Min. 600V

* High critical rate of rise of off-state voltage

( dV/dt : MIN. 1000V / µs )

* Wide lead spacing package :

MOC3052M-A

* UL approved ( No. E113898 )

* FIMKO approved ( No. 15469 )

* NEMKO approved ( No. P00102123 )

* DEMKO approved ( No. 309968-01 )

* SEMKO approved ( No. 0032019 / 01-11 )

* CSA approved (No. CA91533-1)

* VDE approved (No. 094722)

* RoHS compliance



FEATURES

* Incandescent Lamp Dimmers

* Interfacing Microprocessors to 115 and 240 Vac Peripherals

* Lamp Ballasts

* Motor Controls

* Solid State Relays

* Static AC Power Switch

* Solenoid / Valve Controls

* Temperature Controls




Similar Part No. - MOC3052M-A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
ON Semiconductor
MOC3052M ONSEMI-MOC3052M Datasheet
420Kb / 13P
6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
May, 2019 ??Rev. 3
MOC3052M ONSEMI-MOC3052M Datasheet
400Kb / 13P
6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 4
MOC3052M ONSEMI-MOC3052M Datasheet
493Kb / 15P
6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
Rev. 1.7 September 2015
More results


Similar Description - MOC3052M-A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com