Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1081 Datasheet (PDF) - TriQuint Semiconductor

TGA1081 Datasheet PDF - TriQuint Semiconductor
Part # TGA1081
Download  TGA1081 Download
File Size   345.21 Kbytes
Page   3 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 26-29 GHz Medium Power Amplifier

TGA1081 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA1081 Datasheet PDF - TriQuint Semiconductor

Part # TGA1081
Download  TGA1081 Click to download

File Size   345.21 Kbytes
Page   3 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 26-29 GHz Medium Power Amplifier

TGA1081 Datasheet (HTML) - TriQuint Semiconductor


TGA1081 Product details

Key Features and Performance
• Production version of TGA9058
• 0.25um pHEMT Technology
• 26 GHz - 29 GHz Frequency Range
• Nominal Pout 22dBm @ 1dB GC
• Nominal SS Gain 24dB
• Self Bias Topology
• 5V, 315mA Bias

Primary Applications
• LMDS
• Point-to-Point Radio




Similar Part No. - TGA1081

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
27- 32 GHz 1.5 Watt Power Amplifier
TGA1088 TRIQUINT-TGA1088 Datasheet
263Kb / 4P
23 - 29 GHz High Power Amplifier
TGA1088-EPU TRIQUINT-TGA1088-EPU Datasheet
263Kb / 4P
23 - 29 GHz High Power Amplifier
More results


Similar Description - TGA1081

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073A TRIQUINT-TGA1073A Datasheet
629Kb / 7P
26- 34 GHz Medium Power Amplifier
TGA1088 TRIQUINT-TGA1088 Datasheet
263Kb / 4P
23 - 29 GHz High Power Amplifier
TGA9070 TRIQUINT-TGA9070 Datasheet
201Kb / 7P
23 - 29 GHz High Power Amplifier
logo
Alpha Industries
AA028P1-00 ALPHA-AA028P1-00 Datasheet
139Kb / 2P
27-29 GHz GaAs MMIC Power Amplifier
AA032P1-A4 ALPHA-AA032P1-A4 Datasheet
649Kb / 4P
29-32 GHz Surface Mount Medium Power Amplifier
logo
Teledyne Technologies I...
CMA-40-2606 TELEDYNE-CMA-40-2606 Datasheet
892Kb / 2P
Power Amplifier 26 GHz - 40 GHz
CMA-40-2608 TELEDYNE-CMA-40-2608 Datasheet
889Kb / 2P
Power Amplifier 26 GHz - 40 GHz
CMA-40-2610 TELEDYNE-CMA-40-2610 Datasheet
890Kb / 2P
Power Amplifier 26 GHz - 40 GHz
logo
TriQuint Semiconductor
TGA1073A-SCC TRIQUINT-TGA1073A-SCC_15 Datasheet
129Kb / 7P
26 35 GHz Medium Power Amplifier
TGA4537-SM TRIQUINT-TGA4537-SM_15 Datasheet
1Mb / 14P
29 to 35 GHz 1W Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com