Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF4260 Datasheet (PDF) - TriQuint Semiconductor

TGF4260 Datasheet PDF - TriQuint Semiconductor
Part # TGF4260
Download  TGF4260 Download
File Size   90.3 Kbytes
Page   1 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 9.6mm Discrete HFET

TGF4260 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGF4260 Datasheet PDF - TriQuint Semiconductor

Part # TGF4260
Download  TGF4260 Click to download

File Size   90.3 Kbytes
Page   1 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 9.6mm Discrete HFET

TGF4260 Datasheet (HTML) - TriQuint Semiconductor


TGF4260 Product details

9.6mm Discrete HFET

● 9600 m x 0.5 m
● Nominal Pout of 37 -dBm at 6.0 GHz
● Nominal Gain of 9.5 -dB at 6.0 GHz
● Nominal PAE of 52 % at 6.0 GHz
● Suitable for high reliability applications
● 0,572 x 2,324 x 0,102 mm (0.023 x 0.092 x 0.004 in.)




Similar Part No. - TGF4260

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4260-SCC TRIQUINT-TGF4260-SCC Datasheet
426Kb / 9P
9.6 mm Discrete HFET
TGF4260-SCC TRIQUINT-TGF4260-SCC Datasheet
432Kb / 9P
9.6 mm Discrete HFET
TGF4260 TRIQUINT-TGF4260_15 Datasheet
432Kb / 9P
9.6 mm Discrete HFET
More results


Similar Description - TGF4260

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4112 TRIQUINT-TGF4112 Datasheet
153Kb / 9P
12 mm Discrete HFET
TGF4118 TRIQUINT-TGF4118 Datasheet
152Kb / 9P
18 mm Discrete HFET
TGF4124 TRIQUINT-TGF4124 Datasheet
153Kb / 9P
24 mm Discrete HFET
TGF4230 TRIQUINT-TGF4230 Datasheet
178Kb / 7P
1.2mm Discrete HFET
TGF4240 TRIQUINT-TGF4240 Datasheet
94Kb / 1P
2.4mm Discrete HFET
TGF4250 TRIQUINT-TGF4250 Datasheet
179Kb / 7P
4.8 mm Discrete HFET
TGF4240-SCC TRIQUINT-TGF4240-SCC Datasheet
179Kb / 7P
2.4 mm Discrete HFET
TGF4260-SCC TRIQUINT-TGF4260-SCC Datasheet
426Kb / 9P
9.6 mm Discrete HFET
TGF4240 TRIQUINT-TGF4240_15 Datasheet
185Kb / 7P
2.4 mm Discrete HFET
TGF4260 TRIQUINT-TGF4260_15 Datasheet
432Kb / 9P
9.6 mm Discrete HFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com