Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS2550A2L Datasheet (PDF) - SAMWHA ELECTRIC

BFS2550A2L Datasheet PDF - SAMWHA ELECTRIC
Part # BFS2550A2L
Download  BFS2550A2L Download
File Size   333.83 Kbytes
Page   3 Pages
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC
Description BEAD Filter

BFS2550A2L Datasheet (PDF)

Go To PDF Page Download Datasheet
BFS2550A2L Datasheet PDF - SAMWHA ELECTRIC

Part # BFS2550A2L
Download  BFS2550A2L Click to download

File Size   333.83 Kbytes
Page   3 Pages
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC
Description BEAD Filter

BFS2550A2L Datasheet (HTML) - SAMWHA ELECTRIC




Similar Part No. - BFS2550A2L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS25 PHILIPS-BFS25 Datasheet
126Kb / 11P
NPN 5 GHz wideband transistor
December 1997
logo
LOVATO Electric S.p.A.
BFS2523A024 LOVATO-BFS2523A024 Datasheet
227Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, AC COIL 50/60HZ, 24VAC, 2NO3NC AUXILIARY CONTACT
BFS2523A230 LOVATO-BFS2523A230 Datasheet
227Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, AC COIL 50/60HZ, 230VAC, 2NO3NC AUXILIARY CONTACT
BFS2523D024 LOVATO-BFS2523D024 Datasheet
223Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, DC COIL, 24VDC, 2NO3NC AUXILIARY CONTACT
logo
NXP Semiconductors
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
NPN 5 GHz wideband transistor
December 1997
More results


Similar Description - BFS2550A2L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4221-1 ETC1-4221-1 Datasheet
29Kb / 1P
Surface Mount Filter Bead
logo
Rhombus Industries Inc.
L-15201 RHOMBUS-IND-L-15201 Datasheet
50Kb / 1P
Bead Inductors
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
EMI Suppression Filter Dual Ferrite Bead Construction
7/20/01
L-15202 RHOMBUS-IND-L-15202 Datasheet
19Kb / 1P
Bead Inductors
7/30/99
logo
API Delevan
4211R API-4211R Datasheet
2Mb / 1P
Axial Leaded Filter Bead
4221R-1 API-4221R-1 Datasheet
1Mb / 1P
Surface Mount Filter Bead
logo
Murata Manufacturing Co...
BL01RN1-A62 MURATA-BL01RN1-A62 Datasheet
840Kb / 22P
FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
logo
XFMRS Inc.
XFRH35X75X08 XFMRS-XFRH35X75X08 Datasheet
28Kb / 1P
Ferrite Bead
logo
TAI-TECH Advanced Elect...
BPH853025R5-101T TAI-TECH-BPH853025R5-101T Datasheet
186Kb / 2P
Ferrite Bead
BPH403025R5-530T TAI-TECH-BPH403025R5-530T Datasheet
180Kb / 2P
Ferrite Bead
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com