Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82144B1222K000 Datasheet (PDF) - EPCOS

B82144B1222K000 Datasheet PDF - EPCOS
Part # B82144B1222K000
Download  B82144B1222K000 Download
File Size   168.23 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Inductors

B82144B1222K000 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82144B1222K000 Datasheet PDF - EPCOS

Part # B82144B1222K000
Download  B82144B1222K000 Click to download

File Size   168.23 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Inductors

B82144B1222K000 Datasheet (HTML) - EPCOS


B82144B1222K000 Product details

LBC choke, radial leaded
Rated inductance 1 µH to 100 000 µH
Rated current 20 mA to 2500 mA

Features
■ Very wide inductance range
■ High rated current
■ Axial leads on request (B82144F)
■ Suitable for wave soldering
■ RoHS-compatible

Applications
■ RF blocking and filtering
■ Decoupling and interference suppression
■ For telecommunications, automotive electronics, energy-saving lamps, entertainment electronics




Similar Part No. - B82144B1222K000

ManufacturerPart #DatasheetDescription
logo
International Rectifier
B82144B1225J000 IRF-B82144B1225J000 Datasheet
5Mb / 30P
Drives 1 x 70W HID lamp
More results


Similar Description - B82144B1222K000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
Fixed Inductors (Chip Inductors)
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com