Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82476A1104M000 Datasheet (PDF) - EPCOS

B82476A1104M000 Datasheet PDF - EPCOS
Part # B82476A1104M000
Download  B82476A1104M000 Download
File Size   163.21 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT power inductors

B82476A1104M000 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82476A1104M000 Datasheet PDF - EPCOS

Part # B82476A1104M000
Download  B82476A1104M000 Click to download

File Size   163.21 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT power inductors

B82476A1104M000 Datasheet (HTML) - EPCOS


B82476A1104M000 Product details

SMT power inductors
Size 12.95 × 9.4 × 5.08 (mm)

Rated inductance 1 H to 1000 μH
Rated current 0.3 A to 6.8 A

Construction
■ Ferrite core
■ Winding: enamel copper wire
■ Winding soldered to terminals
■ Plastic terminal carrier

Features
■ Temperature range up to 150 °C
■ High rated current
■ Low DC resistance
■ Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020C
■ Qualification based on AEC-Q200
■ RoHS-compatible

Applications
■ Filtering of supply voltages
■ Coupling, decoupling
■ DC/DC converters
■ Automotive electronics
■ Industrial electronics
■ Consumer electronics




Similar Part No. - B82476A1104M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82476A1104M000 EPCOS-B82476A1104M000 Datasheet
552Kb / 7P
SMT power inductors
B82476A1104M000 EPCOS-B82476A1104M000 Datasheet
562Kb / 7P
SMT power inductors
June 2012
More results


Similar Description - B82476A1104M000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
Coilcraft lnc.
LPO4815 COILCRAFT-LPO4815_15 Datasheet
446Kb / 2P
SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
PA5189.XXXHLT PULSE-PA5189.XXXHLT Datasheet
777Kb / 3P
SMT Power Inductors
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com