Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2012900YL Datasheet (PDF) - ABC Taiwan Electronics Corp

SF2012900YL Datasheet PDF - ABC Taiwan Electronics Corp
Part # SF2012900YL
Download  SF2012900YL Download
File Size   248.38 Kbytes
Page   7 Pages
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp
Description SMD LINE FILTER

SF2012900YL Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2012900YL Datasheet PDF - ABC Taiwan Electronics Corp

Part # SF2012900YL
Download  SF2012900YL Click to download

File Size   248.38 Kbytes
Page   7 Pages
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp
Description SMD LINE FILTER

SF2012900YL Datasheet (HTML) - ABC Taiwan Electronics Corp


SF2012900YL Product details

MATERIALS LIST:
a. Core:Ferrite
b. Wire :Enamelled copper wire ( class F )
c. Terminal: Ag / Ni / Sn
d. Remark:Products comply with RoHS requirements

GENERAL SPECIFICATION:
a. Temp rise :20℃ max
b. Rated current:Base on temp. rise
                             & △L/L0A=20% max.
c. Storage temp.:-55℃ ----+125℃
d. Operating temp.:-55℃----+125℃
   (Temp. rise included)




Similar Part No. - SF2012900YL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF201 WTE-SF201 Datasheet
46Kb / 3P
2.0A SOFT FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
SUPER FAST RECTIFIER
logo
Won-Top Electronics
SF201-T3 WTE-SF201-T3 Datasheet
46Kb / 3P
2.0A SOFT FAST RECOVERY RECTIFIER
More results


Similar Description - SF2012900YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
SMD LINE FILTER
SF0603001YL ABC-SF0603001YL Datasheet
621Kb / 8P
SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
SMD LINE FILTER
SF0905100YL ABC-SF0905100YL Datasheet
136Kb / 7P
SMD LINE FILTER
SF1006121YL ABC-SF1006121YL Datasheet
1Mb / 6P
SMD LINE FILTER
SF1358350YL ABC-SF1358350YL Datasheet
600Kb / 7P
SMD LINE FILTER
SF3216900YL ABC-SF3216900YL Datasheet
216Kb / 7P
SMD LINE FILTER
SF6018100YL ABC-SF6018100YL Datasheet
582Kb / 7P
SMD LINE FILTER
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
SMD Line Filter
SRF2012 BOURNS-SRF2012 Datasheet
118Kb / 1P
SMD LINE FILTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com