Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC28A1550401 Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

EC28A1550401 Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # EC28A1550401
Download  EC28A1550401 Download
File Size   131.57 Kbytes
Page   2 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 28mm Size Encoder Type

EC28A1550401 Datasheet (PDF)

Go To PDF Page Download Datasheet
EC28A1550401 Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # EC28A1550401
Download  EC28A1550401 Click to download

File Size   131.57 Kbytes
Page   2 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 28mm Size Encoder Type

EC28A1550401 Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


EC28A1550401 Product details

A low-profile unit with 4mm height with good operation feel.




Similar Part No. - EC28A1550401

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC28A1550401 ALPS-EC28A1550401 Datasheet
1Mb / 3P
28mm Size Ring Type
logo
List of Unclassifed Man...
EC28A1550401 ETC-EC28A1550401 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results


Similar Description - EC28A1550401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC21A ALPS-EC21A Datasheet
170Kb / 2P
21mm Size Encoder Type
EC40A ALPS-EC40A Datasheet
134Kb / 2P
40mm Size Encoder Type
EC45A ALPS-EC45A Datasheet
192Kb / 3P
45mm Size Encoder/Potentiometer
EC60A ALPS-EC60A Datasheet
135Kb / 2P
60mm Size Encoder Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC28A ALPS-EC28A_15 Datasheet
1Mb / 3P
28mm Size Ring Type
logo
CTS Corporation
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
Commercial Miniature 16mm Size Rotary Encoder
logo
Molex Electronics Ltd.
SD-180416-104 MOLEX-SD-180416-104 Datasheet
398Kb / 3P
COB LED HOLDER 28MM X 28MM SQUARE
2020/02/28
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
Φ17 mm Compact Size Rotary Encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com