Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMSTA55 Datasheet (PDF) - NXP Semiconductors

PMSTA55 Datasheet PDF - NXP Semiconductors
Part # PMSTA55
Download  PMSTA55 Download
File Size   93.77 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 500 mA PNP general-purpose transistors

PMSTA55 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMSTA55 Datasheet PDF - NXP Semiconductors

Part # PMSTA55
Download  PMSTA55 Click to download

File Size   93.77 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 500 mA PNP general-purpose transistors

PMSTA55 Datasheet (HTML) - NXP Semiconductors


PMSTA55 Product details

General description
PNP transistors in a SOT323 (SC-70) very small Surface-Mounted Device (SMD) plastic package.

Features
■ High current (max. 500 mA)
■ Collector-emitter voltage:
   ◆ 60 V (PMSTA55)
   ◆ 80 V (PMSTA56)

Applications
■ Intended for telephony and professional communication equipment.




Similar Part No. - PMSTA55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMSTA55 PHILIPS-PMSTA55 Datasheet
32Kb / 8P
PNP general purpose transistors
1997 Jun 02
logo
Nexperia B.V. All right...
PMSTA55 NEXPERIA-PMSTA55 Datasheet
704Kb / 8P
500 mA PNP general-purpose transistors
Rev. 05 - 1 February 2010
More results


Similar Description - PMSTA55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB710ARL NXP-2PB710ARL Datasheet
64Kb / 9P
50 V, 500 mA PNP general-purpose transistors
Rev. 01-29 October 2008
BC807 NXP-BC807 Datasheet
242Kb / 19P
45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
BC807W-115 PHILIPS-BC807W-115 Datasheet
242Kb / 19P
45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC807-25QA NEXPERIA-BC807-25QA Datasheet
898Kb / 15P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 30 August 2013
BC806W_SER NEXPERIA-BC806W_SER Datasheet
247Kb / 12P
80 V, 500 mA PNP general-purpose transistors
Rev. 2 - 27 November 2019
BC807-Q_SER NEXPERIA-BC807-Q_SER Datasheet
302Kb / 13P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 June 2021
BC807QB_SER NEXPERIA-BC807QB_SER Datasheet
317Kb / 14P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 10 December 2020
BC807QC-Q_SER NEXPERIA-BC807QC-Q_SER Datasheet
332Kb / 14P
45 V, 500 mA PNP general-purpose transistors
Rev. 2 - 4 May 2021
2PB710ASL-Q NEXPERIA-2PB710ASL-Q Datasheet
183Kb / 8P
50 V, 500 mA PNP general-purpose transistors
3 January 2022
PMSTA55 NEXPERIA-PMSTA55 Datasheet
704Kb / 8P
500 mA PNP general-purpose transistors
Rev. 05 - 1 February 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com