Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKHK Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKHK Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKHK
Download  SKHK Download
File Size   172.07 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 12mm Square Long Stem (Snap-in Type)

SKHK Datasheet (PDF)

Go To PDF Page Download Datasheet
SKHK Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKHK
Download  SKHK Click to download

File Size   172.07 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 12mm Square Long Stem (Snap-in Type)

SKHK Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKHK Product details

Available in two types - 0.8mm height without stem or 1.5mm height with stem.

Soldering Conditions
Condition for Reflow
Available for Surface Mount Type.

1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2φCA(K)or CC(T)at solder joints(copper foil surface). A heat resistive tape should be used to fix thermocouple.
3. Temperature profile




Similar Part No. - SKHK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SKH HAMMOND-SKH Datasheet
65Kb / 2P
Humidostat mecanique
logo
TE Connectivity Ltd
SKH TEC-SKH Datasheet
527Kb / 8P
Cable Actuated Sensor CANOpen Output Signal
logo
PATLITE CORPORATION.
SKH-100EA PATLITE-SKH-100EA Datasheet
337Kb / 2P
Upright
Rev. J
SKH-100EA-B PATLITE-SKH-100EA-B Datasheet
337Kb / 2P
Upright
Rev. J
SKH-100EA-G PATLITE-SKH-100EA-G Datasheet
337Kb / 2P
Upright
Rev. J
More results


Similar Description - SKHK

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L ALPS-RK12L Datasheet
171Kb / 4P
12mm Size Insulated Shaft Snap-in Type
SKEY ALPS-SKEY Datasheet
191Kb / 3P
7.8mm Square(Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
12mm Square(Snap-in Type)
SKQE ALPS-SKQE Datasheet
246Kb / 4P
12mm Square Long-life (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
6.6mm Square(Snap-in Type)
SK2AA00540 ALPS-SK2AA00540 Datasheet
507Kb / 5P
TACT SwitchTM 12mm Square (Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
12mm Square (Snap-in Type)
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
12mm Square Long-life (Snap-in Type)
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
6.6mm Square (Snap-in Type)
SKHCAAA010 ALPS-SKHCAAA010 Datasheet
144Kb / 5P
TACT SwitchTM 12×12mm (Snap-in)Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com