Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4952B Datasheet (PDF) - Maxim Integrated Products

MAX4952B Datasheet PDF - Maxim Integrated Products
Part # MAX4952B
Download  MAX4952B Download
File Size   1392.5 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 1.5/3.0/6.0Gbps SAS/SATA Redriver

MAX4952B Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4952B Datasheet PDF - Maxim Integrated Products

Part # MAX4952B
Download  MAX4952B Click to download

File Size   1392.5 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 1.5/3.0/6.0Gbps SAS/SATA Redriver

MAX4952B Datasheet (HTML) - Maxim Integrated Products


MAX4952B Product details

General Description
The MAX4952B dual-channel redriver is designed to redrive one full lane of SAS or SATA signals up to 6.0Gbps and operates from a single +3.3V supply. The MAX4952B is designed for commercial SAS or SAS/SATA applications, such as servers.

Features
♦ Single +3.3V Supply Operation
♦ Low Power-Down Current (350µA typ) for Power Sensitive Applications
♦ Supports SAS I/II/III P 6.0Gbps
♦ Excellent Return Loss
    Exceeds SAS/SATA Return Loss Mask (Better Than 8dB Up to 3GHz)
♦ Supports SAS/SATA OOB-Level Signaling
    Very Fast Entry and Exit Time of 5ns (Max)
    Programmable SAS/SATA Threshold
♦ Independent Output-Boost Selection
    Two Levels: 0dB, 6dB
♦ On-Chip 50I Input/Output Terminations
♦ In-Line Signal Traces for Flow-Through Layout
♦ Space-Saving, 4.0mm x 4.0mm TQFN Package
♦ ESD Protection on All Pins: ±5.5kV (Human Body Model)

Applications
    Servers
    Data Storage




Similar Part No. - MAX4952B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4952 MAXIM-MAX4952 Datasheet
604Kb / 11P
Quad Equalized 1.5/3.0/6.0GT/s SAS/SATA Redriver
19-4574; Rev 0; 4/09
MAX4952AEVKIT MAXIM-MAX4952AEVKIT Datasheet
709Kb / 10P
Application Circuit with SAS and SATA Input/ Output
Rev 0; 8/09
MAX4952AEVKIT+ MAXIM-MAX4952AEVKIT+ Datasheet
709Kb / 10P
Application Circuit with SAS and SATA Input/ Output
Rev 0; 8/09
MAX4952CTO+ MAXIM-MAX4952CTO+ Datasheet
604Kb / 11P
Quad Equalized 1.5/3.0/6.0GT/s SAS/SATA Redriver
19-4574; Rev 0; 4/09
More results


Similar Description - MAX4952B

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-SATA-SAS-HT MRV-SFP-SATA-SAS-HT Datasheet
356Kb / 2P
SAS/SATA SFP Transceivers
logo
Texas Instruments
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
1.5/3.0/6.0 Gbps SATA/SAS Redriver
logo
AVAGO TECHNOLOGIES LIMI...
SAS3648 AVAGO-SAS3648 Datasheet
607Kb / 2P
SAS/SATA Expander
SAS9341 AVAGO-SAS9341 Datasheet
254Kb / 2P
PCIe 3.0 SATASAS RAID Controllers
logo
Pericom Semiconductor C...
PI3EQX6801 PERICOM-PI3EQX6801 Datasheet
375Kb / 1P
6.5Gbps, 1-port, 1.5V/3.3V SATA/SAS ReDriver
logo
Advantech Co., Ltd.
MSATA630 ADVANTECH-MSATA630 Datasheet
866Kb / 25P
Support SATA 1.5/3.0/6.0 Gbps interface
logo
Maxim Integrated Produc...
MAX72044B MAXIM-MAX72044B Datasheet
39Kb / 2P
Generation II Enhanced 6.0Gbps 44-PHY SAS Expander
MAX4952 MAXIM-MAX4952 Datasheet
604Kb / 11P
Quad Equalized 1.5/3.0/6.0GT/s SAS/SATA Redriver
19-4574; Rev 0; 4/09
MAX14980 MAXIM-MAX14980 Datasheet
889Kb / 12P
Ruggedized Quad SAS/SATA Redriver/Equalizer with Extended Operating Temperature
19-6647; Rev 0; 3/13
MAX14986 MAXIM-MAX14986 Datasheet
892Kb / 11P
Dual 6GT/s SAS/SATA Redriver with Equalization and Extended Temperature Operation
19-6639; Rev 0; 3/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com