Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1266A Datasheet (PDF) - KEC(Korea Electronics)

KTA1266A Datasheet PDF - KEC(Korea Electronics)
Part # KTA1266A
Download  KTA1266A Download
File Size   57.06 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SEMICONDUCTOR TECHNICAL DATA

KTA1266A Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1266A Datasheet PDF - KEC(Korea Electronics)

Part # KTA1266A
Download  KTA1266A Click to download

File Size   57.06 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SEMICONDUCTOR TECHNICAL DATA

KTA1266A Datasheet (HTML) - KEC(Korea Electronics)


KTA1266A Product details

GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.

FEATURES
• Excellent hFE Linearity
   : hFE(2)=80(Typ.) at VCE=-6V, IC=-150mA
   : hFE(IC=0.1mA)/hFE(IC=2mA)=0.95(Typ.).
• Low Noise : NF=1dB(Typ.). at f=1kHz.
• Complementary to KTC3198A.




Similar Part No. - KTA1266A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1266 KEC-KTA1266 Datasheet
308Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Weitron Technology
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
KEC(Korea Electronics)
KTA1266 KEC-KTA1266 Datasheet
43Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
KTA1266 KEC-KTA1266 Datasheet
20Kb / 1P
TO-92 PACKAGE
logo
Tiger Electronic Co.,Lt...
KTA1266 TGS-KTA1266 Datasheet
326Kb / 1P
TO-92 Plastic-Encapsulate Transistors (PNP)
More results


Similar Description - KTA1266A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
SEMICONDUCTOR TECHNICAL DATA
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com