Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9380RG Datasheet (PDF) - Optoway Technology Inc

SPS-9380RG Datasheet PDF - Optoway Technology Inc
Part # SPS-9380RG
Download  SPS-9380RG Download
File Size   150.07 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER

SPS-9380RG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-9380RG Datasheet PDF - Optoway Technology Inc

Part # SPS-9380RG
Download  SPS-9380RG Click to download

File Size   150.07 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER

SPS-9380RG Datasheet (HTML) - Optoway Technology Inc


SPS-9380RG Product details

DESCRIPTION
The SPS-9380RG series single mode transceivers is small form factor pluggable module for bi-directional serial optical data communications such as 10GBASE LX-4, Serial ATA/ATA2, SONET OC-48 / SDH STM-16, Gigabit Ethernet 1000BASE-LX and 1x/2x Fibre Channel. It is with the SFP 20-pin connector to allow hot plug capability. This module is designed for single mode fiber and operates at a nominal wavelength of 1550 nm.

FEATURES
● Multirate up to 3.2 Gbps
● Hot-Pluggable SFP Footprint LC Optical Transceiver
● Small Form-Factor Pluggable (SFP) MSA compatible
● SFF-8472 Digital Diagnostic Function
● 1550 nm DFB LD Transmitter
● APD High Sensitivity Receiver
● 26 dB Power Budget at Least
● AC/AC Coupling according to MSA
● Single +3.3 V Power Supply
● RoHS Compliant
● 0 to 70oC Operation: SPS-9380RG
● -10 to 85oC Operation: SPS-9380BRG
● -40 to 85oC Operation: SPS-9380ARG
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● 10GBASE LX-4
● Serial ATA / ATA2
● SONET OC-48 / SDH STM-16
● SONET OC-12 / SDH STM-4
● SONET OC-3 / SDH STM-1
● Gigabit Ethernet / 1X/2X Fibre Channel




Similar Part No. - SPS-9380RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380RG OPTOWAY-SPS-9380RG_15 Datasheet
166Kb / 5P
3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380RG_2015 OPTOWAY-SPS-9380RG_2015 Datasheet
166Kb / 5P
3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
More results


Similar Description - SPS-9380RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9105RG OPTOWAY-SPS-9105RG Datasheet
149Kb / 5P
3.3V / 1310 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9120RG OPTOWAY-SPS-9120RG Datasheet
149Kb / 5P
3.3V / 1310 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9140RG OPTOWAY-SPS-9140RG Datasheet
149Kb / 5P
3.3V / 1310 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340RG OPTOWAY-SPS-9340RG Datasheet
149Kb / 5P
3.3V / 1550 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340RWG OPTOWAY-SPS-9340RWG Datasheet
149Kb / 5P
3.3V / 1550 nm / 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380RWG OPTOWAY-SPS-9380RWG Datasheet
150Kb / 5P
3.3V / 1550 nm / 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100RG OPTOWAY-SPS-93100RG Datasheet
150Kb / 5P
3.3V / 1550 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100RWG OPTOWAY-SPS-93100RWG Datasheet
150Kb / 5P
3.3V / 1550 nm / 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120RG OPTOWAY-SPS-93120RG Datasheet
150Kb / 5P
3.3V / 1550 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120RWG OPTOWAY-SPS-93120RWG Datasheet
150Kb / 5P
3.3V / 1550 nm / 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com