Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIDCB27AS20BSA1 Datasheet (PDF) - Dubilier

DBCIDCB27AS20BSA1 Datasheet PDF - Dubilier
Part # DBCIDCB27AS20BSA1
Download  DBCIDCB27AS20BSA1 Download
File Size   100.99 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description FEMALE HEADER FEMALE HEADER SMT - 5.0MM

DBCIDCB27AS20BSA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DBCIDCB27AS20BSA1 Datasheet PDF - Dubilier

Part # DBCIDCB27AS20BSA1
Download  DBCIDCB27AS20BSA1 Click to download

File Size   100.99 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description FEMALE HEADER FEMALE HEADER SMT - 5.0MM

DBCIDCB27AS20BSA1 Datasheet (HTML) - Dubilier




Similar Part No. - DBCIDCB27AS20BSA1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCB27AD02BS1 DUBILIER-DBCIDCB27AD02BS1 Datasheet
101Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27AD03BS1 DUBILIER-DBCIDCB27AD03BS1 Datasheet
101Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27AD04BS1 DUBILIER-DBCIDCB27AD04BS1 Datasheet
101Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27AD10BS1 DUBILIER-DBCIDCB27AD10BS1 Datasheet
101Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27AD20BS1 DUBILIER-DBCIDCB27AD20BS1 Datasheet
101Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
More results


Similar Description - DBCIDCB27AS20BSA1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B23 DBLECTRO-B23 Datasheet
242Kb / 1P
FEMALE HEADER PROFILE : 5.0mm STRAIGHT
B27A DBLECTRO-B27A Datasheet
281Kb / 1P
FEMALE HEADER SINGLE ROW PROFILE : 5.0mm SMT TYPE
B27B DBLECTRO-B27B Datasheet
194Kb / 1P
FEMALE HEADER DUAL ROW PROFILE : 5.0mm SMT TYPE
logo
Dubilier
DBCIDCB27BD20BS1 DUBILIER-DBCIDCB27BD20BS1 Datasheet
101Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27CD20BS1 DUBILIER-DBCIDCB27CD20BS1 Datasheet
103Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 7.0MM
DBCIDCB27D14BS1 DUBILIER-DBCIDCB27D14BS1 Datasheet
98Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 6.4MM
logo
Adam Technologies, Inc.
HFH-XX-G-SMT-PP-NK-NP ADAM-TECH-HFH-XX-G-SMT-PP-NK-NP Datasheet
81Kb / 1P
FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-NP-BL ADAM-TECH-HFH-XX-SG-SMT-NP-BL Datasheet
91Kb / 1P
FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-TR ADAM-TECH-HFH-XX-SG-SMT-TR Datasheet
122Kb / 1P
FEMALE HEADER SMT TYPE
HFH-XX-T-SMT-P ADAM-TECH-HFH-XX-T-SMT-P Datasheet
118Kb / 1P
FEMALE HEADER SMT TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com