Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT821 Datasheet (PDF) - NXP Semiconductors

74ABT821 Datasheet PDF - NXP Semiconductors
Part # 74ABT821
Download  74ABT821 Download
File Size   100.94 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 10-bit D-type flip-flop; positive-edge trigger; 3-state

74ABT821 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT821 Datasheet PDF - NXP Semiconductors

Part # 74ABT821
Download  74ABT821 Click to download

File Size   100.94 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 10-bit D-type flip-flop; positive-edge trigger; 3-state

74ABT821 Datasheet (HTML) - NXP Semiconductors


74ABT821 Product details

General description
The 74ABT821 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

Features and benefits
■ High-speed parallel registers with positive-edge triggered D-type flip-flops
■ Ideal where high speed, light loading, or increased fan-in are required with MOS microprocessors
■ Output capability: +64 mA and −32 mA
■ Power-on 3-state
■ Power-on reset
■ Latch-up protection exceeds 500 mA per JESD78B class II level A
■ ESD protection:
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V




Similar Part No. - 74ABT821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT821D PHILIPS-74ABT821D Datasheet
69Kb / 6P
10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT821DB PHILIPS-74ABT821DB Datasheet
69Kb / 6P
10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT821N PHILIPS-74ABT821N Datasheet
69Kb / 6P
10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT821PW PHILIPS-74ABT821PW Datasheet
69Kb / 6P
10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
More results


Similar Description - 74ABT821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
MB2821 PHILIPS-MB2821 Datasheet
112Kb / 9P
Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com