Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG4632321A Datasheet (PDF) - Vanguard International Semiconductor

VG4632321A Datasheet PDF - Vanguard International Semiconductor
Part # VG4632321A
Download  VG4632321A Download
File Size   1965.23 Kbytes
Page   81 Pages
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor
Description 524,288x32x2-Bit CMOS Synchronous Graphic RAM

VG4632321A Datasheet (PDF)

Go To PDF Page Download Datasheet
VG4632321A Datasheet PDF - Vanguard International Semiconductor

Part # VG4632321A
Download  VG4632321A Click to download

File Size   1965.23 Kbytes
Page   81 Pages
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor
Description 524,288x32x2-Bit CMOS Synchronous Graphic RAM

VG4632321A Datasheet (HTML) - Vanguard International Semiconductor


VG4632321A Product details

Overview
The VG4632321A SGRAM is a high-speed CMOS synchronous graphic RAM containing 32M bits. It is internally configured as a dual 512K x 32 DRAM with a synchronous interface (all signals are registered on the positive edge of the clock signal, CLK). Each of the 512K x 32 bit bank is organized as 2048 rows by 256 columns by 32 bits. Read and write accesses to the SGRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of a BankActivate command which is then followed by a Read or Write command.

Features
• Fast access time from clock: 4.5/5/5.5/6/7ns
• Fast clock rate: 222/200/183/166/143MHz
• Fully synchronous operation
• Internal pipelined architecture
• Dual internal banks(512K x 32-bit x 2-bank)
• Programmable Mode and Special Mode registers
    - CAS Latency: 1, 2, or 3
    - Burst Length: 1, 2, 4, 8, or full page
    - Burst Type: interleaved or linear burst
    - Burst Read Single Write
    - Load Color or Mask register
• Burst stop function
• Individual byte controlled by DQM0-3
• Block write and write-per-bit capability
• Auto Refresh and Self Refresh
• 2048 refresh cycles/32ms
• Single + 3.3V ±0.3V power supply
• Interface: LVTTL
• JEDEC 100-pin Plastic QFP package
  




Similar Part No. - VG4632321A

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG4616321B VML-VG4616321B Datasheet
1Mb / 82P
262,144x32x2-Bit CMOS Synchronous Graphic RAM
VG4616321BQ-5 VML-VG4616321BQ-5 Datasheet
1Mb / 82P
262,144x32x2-Bit CMOS Synchronous Graphic RAM
VG4616321BQ-5R VML-VG4616321BQ-5R Datasheet
1Mb / 82P
262,144x32x2-Bit CMOS Synchronous Graphic RAM
VG4616321BQ-6 VML-VG4616321BQ-6 Datasheet
1Mb / 82P
262,144x32x2-Bit CMOS Synchronous Graphic RAM
VG4616321BQ-6R VML-VG4616321BQ-6R Datasheet
1Mb / 82P
262,144x32x2-Bit CMOS Synchronous Graphic RAM
More results


Similar Description - VG4632321A

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
CMOS Synchronous Dynamic RAM
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
CMOS Synchronous Dynamic RAM
VG36256401A VML-VG36256401A Datasheet
944Kb / 69P
CMOS Synchronous Dynamic RAM
VG3664321412BT VML-VG3664321412BT Datasheet
978Kb / 72P
CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
CMOS Synchronous Dynamic RAM
VG4616321B VML-VG4616321B Datasheet
1Mb / 82P
262,144x32x2-Bit CMOS Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
VG36641641DT-6 ETC-VG36641641DT-6 Datasheet
1Mb / 69P
CMOS Synchronous Dynamic RAM
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
512K x 32 Bit x 2 Banks Synchronous Graphic RAM
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
256K x 32 Bit x 2 Banks Synchronous Graphic RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com