Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1952 Datasheet (PDF) - Rohm

2SA1952 Datasheet PDF - Rohm
Part # 2SA1952
Download  2SA1952 Download
File Size   164.57 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-speed Switching Transistor (-60V, -5A)

2SA1952 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1952 Datasheet PDF - Rohm

Part # 2SA1952
Download  2SA1952 Click to download

File Size   164.57 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-speed Switching Transistor (-60V, -5A)

2SA1952 Datasheet (HTML) - Rohm




Similar Part No. - 2SA1952

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1952 ROHM-2SA1952 Datasheet
33Kb / 2P
High-speed Switching Transistor (-60V, -5A)
2SA1952 ROHM-2SA1952 Datasheet
77Kb / 3P
High-speed Switching Transistor (−60V, −5A)
logo
Jiangsu Changjiang Elec...
2SA1952 JIANGSU-2SA1952 Datasheet
1Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
2SA1952 ISC-2SA1952 Datasheet
263Kb / 2P
isc Silicon PNP Power Transistor
logo
Micro Commercial Compon...
2SA1952 MCC-2SA1952 Datasheet
458Kb / 2P
PNP Plastic-Encapsulate Transistors
More results


Similar Description - 2SA1952

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1289 SANYO-2SA1289 Datasheet
103Kb / 3P
60V/5A High-Speed Switching Applications
2SA1469 SANYO-2SA1469 Datasheet
101Kb / 4P
60V/5A High-Speed Switching Applications
2SA2023 SANYO-2SA2023 Datasheet
41Kb / 4P
60V / 5A High-Speed Switching Applications
logo
Rohm
2SA1952 ROHM-2SA1952 Datasheet
33Kb / 2P
High-speed Switching Transistor (-60V, -5A)
2SC5103 ROHM-2SC5103 Datasheet
65Kb / 2P
High speed switching transistor (60V, 5A)
2SC5103 ROHM-2SC5103_09 Datasheet
170Kb / 4P
High speed switching transistor (60V, 5A)
logo
Littelfuse
2SA1952TLQ LITTELFUSE-2SA1952TLQ Datasheet
107Kb / 3P
High-speed Switching Transistor (-60V, -5A)
logo
Rohm
2SC5103TLQ ROHM-2SC5103TLQ Datasheet
114Kb / 4P
High speed switching transistor (60V, 5A)
2SA1906 ROHM-2SA1906 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A
2SA2006 ROHM-2SA2006 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com