| Manufacturer | Part # | Datasheet | Description |
 Rohm |
2SB1132
|
128Kb / 4P |
Medium Power Transistor
|
|
2SB1580
|
78Kb / 3P |
Power Transistor (−100V , −2A)
|
|
2SA1862
|
97Kb / 3P |
High-voltage Switching Transistor (−400V, −2A)
|
|
2SB1184
|
95Kb / 4P |
Power Transistor (−60V, −3A)
|
|
2SB1427
|
69Kb / 3P |
Power transistor (−20V, −2A)
|
|
2SA2007
|
55Kb / 1P |
High-speed Switching Transistor (−60V,−12A)
|
|
2SA1952
|
77Kb / 3P |
High-speed Switching Transistor (−60V, −5A)
|
|
2SAR512P
|
226Kb / 5P |
Medium Power Transistors (−30V / −2A)
|
|
MP6T2
|
112Kb / 4P |
Medium Power Transistor (−32V, −2A)
|
|
MP6T3
|
118Kb / 4P |
Medium Power Transistor (−60V, −3A)
|