Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2460 Datasheet (PDF) - Maxim Integrated Products

DS2460 Datasheet PDF - Maxim Integrated Products
Part # DS2460
Download  DS2460 Download
File Size   238.26 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SHA-1 Coprocessor with EEPROMAbridged Data Sheet

DS2460 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2460 Datasheet PDF - Maxim Integrated Products

Part # DS2460
Download  DS2460 Click to download

File Size   238.26 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SHA-1 Coprocessor with EEPROMAbridged Data Sheet

DS2460 Datasheet (HTML) - Maxim Integrated Products


DS2460 Product details

GENERAL DESCRIPTION

The DS2460 SHA-1 Coprocessor with EEPROM is a hardware implementation of the ISO/IEC 10118-3 Secure Hash Algorithm (SHA-1), eliminating the need to develop software to perform the complex SHA computation required for authenticating SHA devices and for performing the validation of digitally signed service data. The DS2460 communicates with a microcontroller through the popular I²C interface. Applications include hosts of access control and electronic payment systems for token authentication and service data validation as well as generation of one-time-use encryption keys for short message encryption and decryption for messages not exceeding the length of a SHA-1 result, which is 20 bytes.



FEATURES

Dedicated Hardware-Accelerated SHA Engine for Generating SHA-1 MACs

112 Bytes User EEPROM for Storing End Equipment Property Data

I²C Host Interface, Supports 100kHz and 400kHz Communication Speeds

Three Address Inputs for I²C Address Assignment

Single-Byte to 8-Byte EEPROM Write Sequences

64-Bit Unique Registration Number

EEPROM Endurance: 200k Cycles per 8-Byte Block at 25°C

10ms max EEPROM Write Cycle

Wide Operating Range: 2.7V to 5.5V, -40°C to +85°C

±4kV IEC 1000-4-2 ESD Protection Level on All Pins

8-Pin SO (150 mils) Package



APPLICATIONS

License Management

Secure Feature Control

System Authentication

Clone Prevention

Door Locks

Utility Meters




Similar Part No. - DS2460

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2460 DALLAS-DS2460 Datasheet
133Kb / 8P
SHA-1 Coprocessor with EEPROM
DS2460S DALLAS-DS2460S Datasheet
133Kb / 8P
SHA-1 Coprocessor with EEPROM
DS2460S+ DALLAS-DS2460S+ Datasheet
133Kb / 8P
SHA-1 Coprocessor with EEPROM
DS2460S+/TR DALLAS-DS2460S+/TR Datasheet
133Kb / 8P
SHA-1 Coprocessor with EEPROM
DS2460S/TR DALLAS-DS2460S/TR Datasheet
133Kb / 8P
SHA-1 Coprocessor with EEPROM
More results


Similar Description - DS2460

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2460 DALLAS-DS2460 Datasheet
133Kb / 8P
SHA-1 Coprocessor with EEPROM
logo
Maxim Integrated Produc...
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DSSHA1 MAXIM-DSSHA1 Datasheet
244Kb / 9P
Memory-Mapped SHA-1 Coprocessor Five 32-Bit Registers to Read MAC Result
Rev 0; 5/11
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS2465 MAXIM-DS2465 Datasheet
2Mb / 31P
SHA-256 Coprocessor with 1-Wire Master Function
Rev 0; 4/12
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS24L65 MAXIM-DS24L65 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 1; 9/13
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS2477 MAXIM-DS2477 Datasheet
247Kb / 21P
DeepCover Secure SHA-3 Coprocessor with ChipDNA PUF Protection
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com