Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-J2L-MZ Datasheet (PDF) - Vicor Corporation

MI-J2L-MZ Datasheet PDF - Vicor Corporation
Part # MI-J2L-MZ
Download  MI-J2L-MZ Download
File Size   86.66 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Military DC-DC Converters 10 to 50W

MI-J2L-MZ Datasheet (PDF)

Go To PDF Page Download Datasheet
MI-J2L-MZ Datasheet PDF - Vicor Corporation

Part # MI-J2L-MZ
Download  MI-J2L-MZ Click to download

File Size   86.66 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Military DC-DC Converters 10 to 50W

MI-J2L-MZ Datasheet (HTML) - Vicor Corporation


MI-J2L-MZ Product details

Product Highlights
The MI-J00 family of miniaturized DC-DC converters is designed for military applications utilizing distributed power architectures. Based on Vicor’s 1st Generation family of zero-current/zero-voltage switching, component-level, DC-DC converters, the MI-J00 family offers state-of-the-art performance in terms of power density, efficiency, noise, ease of use, and reliability.
The MI-J00 family is designed to exceed all steady-state, transient and under/overvoltage requirements of MIL-STD-704D/E for both 28Vdc input (MI-J20) and 270Vdc input (MI-J60), and the worst case envelope of DOD-STD-1399A for 155Vdc input.
The output voltage can be externally trimmed or programmed from 50% to 110% of nominal output. Current limiting, remote sense, and an inhibit pin all combine to offer a high degree of protection, versatility, and reliability for military power systems.
All units are manufactured in ISO 9001-registered facilities. Full epoxy encapsulation in Vicor’s industry standard package enables the MI-J00 family units to meet MIL-STD-810 environmental testing requirements for humidity, fungus, salt fog, explosive atmosphere, acceleration, vibration, and shock. (See page 32.)

Features
♦ Inputs:
   28Vdc per MIL-STD-704D/E
   155Vdc per MIL-STD-1399A
   270Vdc per MIL-STD-704D/E
♦ Single output: 2 – 48Vdc
♦ Up to 23W/in3
♦ MIL-STD-810 environments
♦ Up to 90% efficiency
♦ Remote sense
♦ Current limit
♦ ZVS/ZCS power architecture
♦ Low noise FM control
♦ Size:
   2.28" x 2.4" x 0.5"
   57,9 x 61,0 x 12,7mm)




Similar Part No. - MI-J2L-MZ

ManufacturerPart #DatasheetDescription
logo
Powerbox
MI-J2L-MZ POWERBOX-MI-J2L-MZ Datasheet
782Kb / 1P
10-50 WATTS MILITARY COTS DC/DC CONVERTER
More results


Similar Description - MI-J2L-MZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-200 VICOR-MI-200 Datasheet
86Kb / 2P
Military DC-DC Converters 50 to 100W
MI-MEGAMOD VICOR-MI-MEGAMOD Datasheet
134Kb / 4P
Military Chassis Mount DC-DC Converters 10 to 300W Single, Dual, Triple Outputs
logo
List of Unclassifed Man...
MI-220 ETC1-MI-220 Datasheet
92Kb / 2P
Military DC-DC Converters 50 to 100W
logo
Artesyn Technologies
SMT15E ARTESYN-SMT15E Datasheet
113Kb / 2P
DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
SXQ50 ARTESYN-SXQ50 Datasheet
128Kb / 2P
36-50W High Efficiency DC/DC Converters
BXB50 ARTESYN-BXB50 Datasheet
74Kb / 3P
33-50W Wide Input DC/DC Converters
EXB50 ARTESYN-EXB50 Datasheet
52Kb / 2P
50W High Efficiency DC/DC Converters
EXQ50 ARTESYN-EXQ50 Datasheet
64Kb / 2P
36-50W High Efficiency DC/DC Converters
logo
SynQor Worldwide Headqu...
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
Military COTS DC/DC Converters
MCOTS-C-28-12-QT SYNQOR-MCOTS-C-28-12-QT Datasheet
942Kb / 13P
Military COTS DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com