Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9207FPS Datasheet (PDF) - Rohm

BD9207FPS Datasheet PDF - Rohm
Part # BD9207FPS
Download  BD9207FPS Download
File Size   350.99 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Step-down type with 1.5A output

BD9207FPS Datasheet (PDF)

Go To PDF Page Download Datasheet
BD9207FPS Datasheet PDF - Rohm

Part # BD9207FPS
Download  BD9207FPS Click to download

File Size   350.99 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Step-down type with 1.5A output

BD9207FPS Datasheet (HTML) - Rohm


BD9207FPS Product details

●Description

BD9207FPS is a LED driver with built-in step-down switching regulator and incorporates the built-in switching MOS EFT of Pch. Feedback voltage is as low as 0.2V and can suppress the loss on the sense resistance of LED.

It is operated by PWM method with an oscillating frequency of 900 KHz and can use smaller coil than a switching regulator of low-frequency operation.



●Features

 1)  Maximum switching current of 1.5A

 2)  Built-in Pch switching MOS FET for high efficiency

 3)  Low loss because feedback voltage is as low as 0.2V

 4)  High oscillating frequency of 900KHz   (Fixed)

 5)  Built-in soft start function

 6)  Built-in overcurrent protection circuit (OCP)

 7)  Built-in thermal shutdown circuit (TSD)

 8)  ON/OFF of output is possible by STBY terminal.

 9)  Compact surface-mount TO252S-5 package



●Applications

・For use in the light sources of PPC

・Printer etc. and the LCD backlights ofLED lighting apparatus & monitor

・Note PC etc.




Similar Part No. - BD9207FPS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
White backlight LED drivers for medium to large LCD panels (SWREG type)
BD9203EFV ROHM-BD9203EFV Datasheet
190Kb / 5P
Silicon Monolithic Integrated Circuit
BD9204F ROHM-BD9204F Datasheet
187Kb / 5P
Silicon Monolithic Integrated Circuit
BD9206EFV ROHM-BD9206EFV Datasheet
416Kb / 13P
Simple Structure Constant Current Backlight Driver for LCD panels (Non-step type)
BD9206EFV-E2 ROHM-BD9206EFV-E2 Datasheet
1Mb / 21P
Simple Structure Constant Current Backlight Driver for LCD panels
More results


Similar Description - BD9207FPS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
1.5A, 1.4MHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
1.5A step-down switching regulator
16-Oct-2007
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
1.5A, 1.4MHz Step-Down Converter
AAT1145 ANALOGICTECH-AAT1145_08 Datasheet
851Kb / 17P
1.5A Step-Down Converter
logo
STMicroelectronics
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Monolithic Power System...
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
logo
Skyworks Solutions Inc.
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
1.5A Step-Down Converter
logo
STMicroelectronics
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Lowpower Semiconductor ...
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
1.5MHz, 1.5A Step-Down Converter
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com