Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD82001FVJ Datasheet (PDF) - Rohm

BD82001FVJ Datasheet PDF - Rohm
Part # BD82001FVJ
Download  BD82001FVJ Download
File Size   162.06 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Silicon Monolithic IC

BD82001FVJ Datasheet (PDF)

Go To PDF Page Download Datasheet
BD82001FVJ Datasheet PDF - Rohm

Part # BD82001FVJ
Download  BD82001FVJ Click to download

File Size   162.06 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Silicon Monolithic IC

BD82001FVJ Datasheet (HTML) - Rohm


BD82001FVJ Product details

● Description
Single channel high side switch IC for USB port is a high side switch having over-current protection used in power supply line of universal serial bus (USB).
N-channel power MOSFET of low on resistance and low supply current are realized in this IC. And, over-current detection circuit, thermal shutdown circuit, under-voltage lockout and soft start circuit are built in.

● Features
1) Low On-Resistance 70mΩ MOSFET Switch
2) Current limit threshold 1.5A
3) Control Input Logic
    Active “Low” Control Logic : BD82000FVJ
    Active “High” Control Logic : BD82001FVJ
4) Soft-Start Circuit
5) Over-Current Protection
6) Thermal Shutdown
7) Under-Voltage Lockout
8) Open-Drain Error Flag Output
9) Power Supply Voltage Range 2.7V~5.5V
10) TTL Enable Input
11) 0.8ms Typical Rise Time
12) 1μA Max Standby Current

● Applications
    PC, PC peripheral equipment, USB hub in consumer appliances, Car accessory, and so forth




Similar Part No. - BD82001FVJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82001FVJ ROHM-BD82001FVJ Datasheet
408Kb / 17P
1ch High Side Switch ICs for USB Devices and Memory Cards
BD82001FVJ-E2 ROHM-BD82001FVJ-E2 Datasheet
408Kb / 17P
1ch High Side Switch ICs for USB Devices and Memory Cards
BD82001FVJ-E2 ROHM-BD82001FVJ-E2 Datasheet
1Mb / 27P
1.5A Current Limit High Side Switch ICs
BD82001FVJ-LBE2 ROHM-BD82001FVJ-LBE2 Datasheet
532Kb / 26P
1.5A Current Limit High Side Switch ICs
More results


Similar Description - BD82001FVJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82000FVJ ROHM-BD82000FVJ Datasheet
162Kb / 5P
Silicon Monolithic IC
BD82061FVJ ROHM-BD82061FVJ Datasheet
181Kb / 5P
Silicon Monolithic IC
BD82065FVJ ROHM-BD82065FVJ Datasheet
162Kb / 5P
Silicon Monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
Silicon monolithic IC
BU21023MUV ROHM-BU21023MUV Datasheet
395Kb / 4P
Silicon monolithic IC
BD19910MUV ROHM-BD19910MUV Datasheet
145Kb / 5P
Silicon monolithic IC
BD19914MUV ROHM-BD19914MUV Datasheet
145Kb / 5P
Silicon monolithic IC
BD19915MUV ROHM-BD19915MUV Datasheet
145Kb / 5P
Silicon monolithic IC
BU21018MWV ROHM-BU21018MWV Datasheet
163Kb / 5P
Silicon Monolithic IC
BD6171KV ROHM-BD6171KV Datasheet
1Mb / 31P
Silicon Monolithic IC
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com