Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1113A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1113A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA1113A
Download  TA1113A Download
File Size   422.29 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 475 MHz

TA1113A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1113A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1113A
Download  TA1113A Click to download

File Size   422.29 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 475 MHz

TA1113A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TA1113A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1113A GOLLEDGE-TA1113A Datasheet
72Kb / 5P
SAW Filter 475MHz
More results


Similar Description - TA1113A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
TAI-SAW TECHNOLOGY CO.,...
TA0884A TAI-SAW-TA0884A Datasheet
312Kb / 4P
SAW Filter 475 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
KR Electronics, Inc.
2968 KR-2968 Datasheet
90Kb / 3P
475 MHz Lowpass Filter
2968-SMA KR-2968-SMA Datasheet
64Kb / 3P
475 MHz Lowpass Filter
logo
WALSIN TECHNOLOGY CORPO...
RFBPF3225200Y0T WALSIN-RFBPF3225200Y0T Datasheet
591Kb / 7P
475~675 MHz Band Application
RFBPF3225200Y07B1U WALSIN-RFBPF3225200Y07B1U Datasheet
728Kb / 9P
475~675 MHz Band Application
logo
TAI-SAW TECHNOLOGY CO.,...
TR0019A TAI-SAW-TR0019A Datasheet
300Kb / 6P
Dielectric Filter 5962.5MHz SMD 6.6x3.15 mm (BW=475 MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com