Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQ1A060ZP Datasheet (PDF) - Rohm

RQ1A060ZP Datasheet PDF - Rohm
Part # RQ1A060ZP
Download  RQ1A060ZP Download
File Size   225.7 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1.5V Drive Pch MOSFET

RQ1A060ZP Datasheet (PDF)

Go To PDF Page Download Datasheet
RQ1A060ZP Datasheet PDF - Rohm

Part # RQ1A060ZP
Download  RQ1A060ZP Click to download

File Size   225.7 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1.5V Drive Pch MOSFET

RQ1A060ZP Datasheet (HTML) - Rohm


RQ1A060ZP Product details

■ MOSFETs
   ● Small Signal MOSFET Series
   ● Middle Power MOSFET Series
   ● Power MOSFET Series
■ Selector Guide for Automotive MOSFETs (AEC-Q101)
■ Bipolar Transistors (Surface mount type)
■ Transistor Array
■ Complex Bipolar Transistors
■ Digital Transistors
■ Complex Digital Transistors
■ Packages
■ Part No. Explanation
            ISO/TS 16949-approved




Similar Part No. - RQ1A060ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1A070AP ROHM-RQ1A070AP Datasheet
1Mb / 7P
1.5V Drive Pch MOSFET
RQ1A070ZP ROHM-RQ1A070ZP Datasheet
234Kb / 5P
1.5V Drive Pch MOSFET
RQ1A070ZPFRA ROHM-RQ1A070ZPFRA Datasheet
2Mb / 14P
Pch -12V -7A Small Signal MOSFET
RQ1A070ZPHZG ROHM-RQ1A070ZPHZG Datasheet
2Mb / 15P
Pch -12V -7A Small Signal MOSFET
More results


Similar Description - RQ1A060ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
1.5V Drive PchPch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
RAL025P01 ROHM-RAL025P01 Datasheet
1Mb / 7P
1.5V Drive Pch MOSFET
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com