Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0164A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0164A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0164A
Download  TC0164A Download
File Size   338.37 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description TO39 390MHz One-Port Saw Resonator

TC0164A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0164A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0164A
Download  TC0164A Click to download

File Size   338.37 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description TO39 390MHz One-Port Saw Resonator

TC0164A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TC0164A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0160A TAI-SAW-TC0160A Datasheet
387Kb / 5P
SAW Resonator 312 MHz
TC0163A TAI-SAW-TC0163A Datasheet
322Kb / 4P
SAW Resonator 868.35 MHz SMD 3.8X3.8 mm
TC0165A TAI-SAW-TC0165A Datasheet
199Kb / 3P
SAW Resonator 390.000 MHz F11
TC0166A TAI-SAW-TC0166A Datasheet
125Kb / 4P
One-Port SAW Resonator 315MHz F11
logo
Golledge Electronics Lt...
TC0166A GOLLEDGE-TC0166A Datasheet
142Kb / 3P
One-Port SAW Resonator 315.0MHz
More results


Similar Description - TC0164A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
One-port SAW Resonator
ECS-SDR1 ETC1-ECS-SDR1 Datasheet
160Kb / 1P
SMD ONE PORT SAW RESONATOR
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
ONE-PORT SAW RESONATOR
ECS-SDR1 ECS-ECS-SDR1 Datasheet
106Kb / 1P
SMD ONE PORT SAW RESONATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TC0157A TAI-SAW-TC0157A Datasheet
306Kb / 3P
One-Port SAW Resonator 433.92MHz TO39
logo
Abracon Corporation
ASR418S2 ABRACON-ASR418S2 Datasheet
1Mb / 3P
SMD ONE PORT SAW RESONATOR
02.21.11
ASR868.35E ABRACON-ASR868.35E Datasheet
1Mb / 3P
One-Port SMD SAW Resonator
09.22.15
logo
Advanced Crystal Techno...
ACTR4024 ACT-ACTR4024 Datasheet
233Kb / 5P
One Port Saw Resonator
2-6-2011
logo
TAI-SAW TECHNOLOGY CO.,...
TE0116A TAI-SAW-TE0116A Datasheet
175Kb / 6P
Dual SAW Resonator 433.92/390MHz
logo
Golledge Electronics Lt...
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
One-Port SAW Resonator 315.0MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com